Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6256 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 4Page - STMicroelectronics L6256 Datasheet HTML 5Page - STMicroelectronics L6256 Datasheet HTML 6Page - STMicroelectronics L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics L6256 Datasheet HTML 10Page - STMicroelectronics L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
POR
POWER
UP
SPINDLE
Z
(defaults)
CPR
BRAKE
START
NO SLEW
3ph EMF
CPR
limit
CPR
START
CCTR
No Slew
3ph EMF
limit
BRAKE
START*
SP_EN*
CPR*
SP_CLK
CPR=1's*
SP_CLK
POR
UV
SP_CLK*
SP_EN*
START*
REG BRAKE
RUN
SLEW
1ph EMF
CCTR
No limit
START*
SP_CLK
SP_EN
POR
REG BRAKE
UV
FAULT
TRISTATE
BRAKE
DELAY
THERMAL
TRISTATE
THSHUT
THWARN
UV
D97IN585
Figure 2: Spindle State Diagram.
NOTE: In the spindle state diagram, in transitioning from Start mode to Brake, the CPR register is shown
as being one possible path. The CPR register can be used to command a brake, which then causes the
outputs to brake. This is called CPR Brake mode. However, a true brake state does not really occur.
Specifically, current limit is still active.
NOTE: START and SP_EN bits and CPR is rewritten to get out of Spindle Z state. SP_EN must be
pulsed.
NOTE: All spindle state transitions require an SP_CLK edge.
VCM
GROUNDED
POWER
ON
VCM
ACTIVE
TRISTATE
REGISTER
PARK
VC_EN
REG PARK
DAC
(DONE=1)
SP_ENB
REG BRAKE
FAULT
BRAKE
DELAY
D97IN586
DELAY
VCM_TRISTATE
VC_EN
REG PARK
FAULT
PARK
FAULT
(FAULT)= POR or UV or TH_LIMIT
Figure 3: VCM section state diagram.
NOTE: VC_EN must be rewritten to get out of VCM Grounded state.
NOTE: At start, the spindle and VCM can now be simultaneously enabled. This is a VERY HIGH
POWER DISSIPATION mode. If this is done, be sure to use the SAT_SK bit and duty cycle the
VCM to keep chip power dissipation at a reasonable level.
L6256
8/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com