Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6256 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 5Page - STMicroelectronics L6256 Datasheet HTML 6Page - STMicroelectronics L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics L6256 Datasheet HTML 10Page - STMicroelectronics L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics L6256 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ELECTRICAL CHARACTERISTICS
Power On Reset Section
POR SPECIFICATIONS
Specification Parameter
Required Value
Vcc max undervoltage detect trip point, Vuv
4.06 to 4.3
Vcc trip point hysteresis
1%
Vdd undervoltage detect trip point Vuvd
9.3 to 9.8 volts
Vdd trip point hysteresis
1%
Max POR\ delay timing
100 msecs
Forcing current to reset POR_RC (for in circuit test only)
nominal 1 milliamp
AC UV detection - nondetectable pulse Tuvmin (1)
1
µsec
AC UV detection - detectable pulse Tuvmax (1)
20
µsecs
(1) AC detection test: done on either supply. With either supply at 0.2 volts above the trip point, a 1.2 volt negative pulse is applied.
Chip must not respond to pulse width of Tuvmin, and must respond to Tuvmax.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vmin
Required VCC or Vdd for valid
POR\@25°C (7)
1.3
2.0
V
Vtcap
Timing Cap timeout threshold
2/3 VCC
V
Vcth
Timing Cap threshold
(10)
Tstrech
POR\ pulse strech width
5
40
100
ms (5)
Ttol %
POR\ pulse tolerance
±20%
(6)
Tpmin acc
external POR\ input required
pulse width
300
ns (9)
Vlw
Voltage measurement point for
Tpmin
0.8
V
Iweak
Pullup Current, POR\, steady
state (at 3V)
100
µA
Trise
Rise time on POR\, internal
driver with 100pF load (2)
100
ns
Ipullup
Pullup Current, POR\,
momentary
3.2
mA
Notes:
(1) dVmarg% The margining limit is determined as a fraction of the actual chip margin circuitry.
(2) hysteresis on POR\ is optional.
Load: POR\ will see approximately 90 pF plus an external pullup source of approximately 6k ohms. No external bulk capacitance is used
on POR\.
(3) fall time measured from 2 volts to 0.8 volts.
(4) pulse width measured from Vporint volts on falling edge to 1.6 volts on rising edge.
(5) is capable of meeting this timing with a 0.1
µF or less, 20% tolerance ceramic capacitor. Nominal design point, .047µF is 40 ms ±20%.
(6) Timing tolerance on POR pulse width irrespective of external parts.
(7) POR\ is valid if either Vcc or Vdd exceeds this voltage.
(8,9) Tpmin acc is the minimum POR\ pulse width which the combo must recognize as a valid external POR. This corresponds to the width of
the reset pulse from the processor. Pulse widths narrower than this may or may not be recognized. Tpmin rej is the value of pulse width
above which the combo should not recognize a pulse.
(10) Vbounce is caused by the transition between the external POR circuit and the internal POR clamp circuitry.
in order to prevent deadly embrace with the microprocessor. The specified value is needed with 3.3V logic circuitry.
L6256
9/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com