Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6256 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 18Page - STMicroelectronics L6256 Datasheet HTML 19Page - STMicroelectronics L6256 Datasheet HTML 20Page - STMicroelectronics L6256 Datasheet HTML 21Page - STMicroelectronics L6256 Datasheet HTML 22Page - STMicroelectronics L6256 Datasheet HTML 23Page - STMicroelectronics L6256 Datasheet HTML 24Page - STMicroelectronics L6256 Datasheet HTML 25Page - STMicroelectronics L6256 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
START MODE
During startup, all 3 back EMF phases are used.
The output going to the BEMF_Det line is the ex-
clusive or of all 3 phases, and follows the polarity
of whichever phase is currently tristated (relative
to the center tap voltage). If the processor is driv-
ing the motor directly from the CPR,
the back
EMF circuitry is still active. Tripolar mode by na-
ture prevents EMF detection. EMF transitions are
partially blanked by the controller chip in all
modes.
Run Phased Mode
The Run Phased Mode is now the default (and
only) state in the DOLPHIN during run mode.
The chop waveform is injected into the back emf
waveform of the unused winding due to trans-
former coupling and the action of the center tap.
Most of the transient is removed by using a high
CMRR amplifier before the signal gets to the
sample/hold circuit, and by holding during the off
time of the chop. However, a small residual is left
on the sample/hold waveform.
This small tran-
sient must be kept away from the back EMF
crossing point or it will cause an unstable loop.
This can only be done if the PWM on edge is at
the proper timing relative to the back EMF point.
A comparator is provided internally that generates
the proper delay point by comparing the back
EMF waveform against a small offset voltage
(settable externally). The programmer must then
vary the commutation timing until the PH_DET bit
goes high, indicating that the chop and EMF
crossing waveforms are properly phased. This
timing is produced by modifying the phase delay
in the controller chip until PH_DET is high.
Note that the PH_DET bit is updated at the rising
edge of the chop blanking comparator.
If the
On_Del signal (the blanking signal that frames the
EMF on transient) is high during the edge, then
the transient is in the proper position.
The timing of the proper position is set by several
external variables; the PWM frequency, the run-
ning RPM speed, and the external reference volt-
age.
The relationships of the chop blanking compara-
tor, the On_Del signal, and the Ph_Det bit in the
serial port are illustrated in fig. 13.
Back Emf Detection
Back EMF detection has 2 different modes of operation: Start mode (detemined by the manufacturer),
and Run Phased mode. These are determined by the state of the Start bit.
BACK EMF RUN MODE SPECIFICATIONS
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Rshold Output Impedance
25°C
150
250
Ω
Chop Blank Pulse width tchb
(1)
23.5
25
27.5
µs
On Delay width
(2)
20
22
24
% of ramp
rise time
BEMF start mode detect offset - Vebias
±40mV
BEMF detect hysteresis
10mV nominal
(1) At 6000 rpm, 8 pole motor, sinusoidal EMF from center tap to the A phase of 8 volts p-p, Rref = 62.5K 1%, Rref2 = 120K 1%.
(2) on delay width is from the end of off time to the end of On_Del. Measured at max duty cycle (no off time due to feedforward compensa-
tion). Specification allows for toff min, to set nominally 20% width of total cycle time.
Figure 13. Back EMF Chop Blanking Mode
Waveforms
L6256
22/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com