Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6256 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 19Page - STMicroelectronics L6256 Datasheet HTML 20Page - STMicroelectronics L6256 Datasheet HTML 21Page - STMicroelectronics L6256 Datasheet HTML 22Page - STMicroelectronics L6256 Datasheet HTML 23Page - STMicroelectronics L6256 Datasheet HTML 24Page - STMicroelectronics L6256 Datasheet HTML 25Page - STMicroelectronics L6256 Datasheet HTML 26Page - STMicroelectronics L6256 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Figure 14. Back EMF Phase Detection Timing Relantionships
TRANSITIONS
Transitioning from blind table drive to a back EMF mode drive is handled in the following manner. Re-
member, data written to the CPR takes effect only when SP_CLK receives a positive transition. The fol-
lowing steps must be taken:
● The programmer must ensure that the last state before state 0 has been output to the CPR and
clocked in using SP_CLK.
● An all 1’s value is written to the CPR to enable the state counter.
● The next SP_CLK will then produce a state 0 from the sequencer.
Voice Coil Driver (Vcm) Section
VCM SECTION SPECIFICATIONS
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Large Signal Voltage gain
Output Swing from 1 to
10V
70
dB
Gain Bandwidth Product, A-Amp
4.5
MHz
3dB BW, total loop
25
kHz
Phase Margin, A Amp
45
°
Slew Rate, A Amp
1.4
2
V/
µs
Gain, B Amp
-1.17
*A gain
3dB Bandwidth, B
2.3
MHz
Total A+B saturation Resistance
I = 600mA
2
3
Offset reflected to Isense
D/A reg @ 0
30
mV (1)
Vpwr/2 Input Impedance
25°C
38
50
65
k
Loopback Output Threshold (2)
25°C
50
mA/
Vsst Saturated seek comparator threshold
Output saturated either
polarity
30
50
70
mV
(1) Total current offset of VCM loop must not exceed 3% of full scale current.
(2) Optional.
L6256
23/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com