Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6256 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6256 Datasheet HTML 6Page - STMicroelectronics L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics L6256 Datasheet HTML 10Page - STMicroelectronics L6256 Datasheet HTML 11Page - STMicroelectronics L6256 Datasheet HTML 12Page - STMicroelectronics L6256 Datasheet HTML 13Page - STMicroelectronics L6256 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Protocol (general):
This protocol is part of a multiple chip protocol
which affects several different Western Digital
chip specifications. Changes to this protocol will
affect several vendors.
Specifications for this chip conform to the timing
specification
The serial protocol used to communicate with the
chip is based on a fixed length 2 byte write or 3
byte read cycle (packets). Each packet sent to
the chip is qualified by Dolphin chi select and by
the address section of the first byte sent to the
chip (bits transferred on clock cycles 2 through 4).
The R/W bit determines packet length and bus di-
rection.
At the end of the 16th bit (write) the data is trans-
ferred to the appropriate registers.
At the end of the 8th (read) bit, the internally ad-
dressed registers is ready to be placed on the se-
rial bus. A dead bit is provided in all cases as the
first bit read back from the Dolphin, to allow inter-
nal propagation delays and to provide for use of
the clock to gate data into the internal shift regis-
ter. At high data rates the processor has to insert
some time in order to turn the bus around from
write to read mode.
Multiple packets can be sent back to back without
a dead space in between when other chips are
addressed (except for the specified clock cycles
inserted by the processor hardware). The chip is
able to decode this case.
At high data rates, a dead space of at least 1
clock cycle must be allowed in between bytes of
the packet for propagation delays internally.
tfall
VCC
Vmin
Vtcap
POR\
Vccmin
Vtcap
Vcth
Internal POR
tpmin
tstretch
Vmin
Vmin
Vlw
Vporint
D97IN587
Figure 4: Power On Reset Waveforms and Timing
Thermal Shutdown Section
Symbol
Parameter
Value
Unit
THlimit
Thermal Shutdown Die Temperature (1)
15
±5 above Thwarn
°C
Thhyst
Thermal Shutdown Hysteresis (1)
10
°C
Thwarn
Thermal Warning (1)
145
±15
°C
(1) Guaranteed by design
SERIAL PORT SECTION
General Specification
Data rate
6 to 12.5MHz
Clock Byte Synchronization
internal
Max load to external parts
15pF
Max external load
5mA or 1.2K pullup
Max bus load capacitance
60pF
Output Drive Structure
3 state, active high and
low (not open drain)
Min Speed without dead bit
7MHz (see timing
section) (1)
Internal pullup resistor
none
(1) Clock duty cycle of 40% to 60%
L6256
10/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com