Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6256 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 1 Page - STMicroelectronics

  L6256 Datasheet HTML 1Page - STMicroelectronics L6256 Datasheet HTML 2Page - STMicroelectronics L6256 Datasheet HTML 3Page - STMicroelectronics L6256 Datasheet HTML 4Page - STMicroelectronics L6256 Datasheet HTML 5Page - STMicroelectronics L6256 Datasheet HTML 6Page - STMicroelectronics L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
L6256
12V COMBO
DESCRIPTION
The 12 Volt Combo chip is a combination spindle
motor driver, voice coil driver and D/A converter.
The part can be used in,application like HDD.
The VCM amplifiers drive a low impedance coil
and are set up to accept RC compensation, which
allows a wide bandwidth with absolute minimum
phase lag. The sense resistor/amplifier arrange-
ment allows full current loop operation. The loop
gain is changeable by attenuating the VCM DAC
voltage amplitude in cascadable stages.
The Spindle driver is a PWM only voltage loop
with power supply feedforward, driving a 3 phase
sensorless brushless DC motor. Since it uses
PWM operation at full run speed, it has output
slew rate control during start and run modes.
There is an inductive clamp circuit to limit flyback
voltage transients across the supply voltage dur-
ing motor phase changes and during the braking
sequence. Only the 2 phase or bipolar commuta-
tion pattern is produced by the internal commuta-
tion circuitry. A commutation register allows arbi-
trary winding sequencing during certain opera-
tions.
Internal protection against crossover
spikes is built in.
3 phase or tripolar commutation can be supported
in software during start by writing a commutation
pattern directly to the preload register.
Tripolar operation requires that more than two
phase drivers contribute current simultaneously.
The current limit circuitry reflects this and allows
33% higher current limit, which produces nearly
December 1997
CHARGE
PUMP
VPWR
2
UV
DETECT
POR
VCM
COMMAND
CHANNEL
10 BIT
DAC
VCM
RETRACT
VCM CONTROL
CLK
SYNC
SERIAL INTERFACE
BANDGAP
VOLTAGE
REFERENCE
CURRENT
SOURCES
SPINDLE LOGIC
SPINDLE SEQUENCER
ANALOG
TEST MUX
3
24
3.3V LINEAR
REGULATOR
3
FEEDFORWARD
COMPENSATION
VCM
LOGIC
THERMAL
h_vpwr
h_vpwr
+
-
A
AMP
+
-
B
AMP
A_OUT
B_OUT
BRAKE
DELAY
COUNTER
BEMF SENSING
ZERO CROSSING
DETECTION
PWR GND
VCM CLASS AB
DRIVERS
R_
SLEW
PWM_
IN
PWM_
DC
FF_
COMP
SP_
CLK
upper
lower
PRE-DRIVERS
DYNAMIC
CLAMPING
SPINDLE DRIVERS
CURRENT
LIMIT
SENSING
SH_
OUT
BEMF_
DET
SP_
G2
SP_
G1
REF_
IN
C_TAP
SP_C
SP_B
SP_A
SP_P2
SP_P1
VC_PWR
A_IN
I_VC
IO_VC
DAC
CP_OUT
CP_CAP
H_VPWR
VDD
VCC
nPOR
POR_RC
PARK
SCLK
SDIO
CSELB
BYPASSC
QDRIVE
VREG_IN
CUR_IN
6,7,17,29,39,40
8
11
36
37
5
38
12
35
44
4
41
3
1
43
42
2
24
23
25
30
26
31
32
18
19
33
34
15
10
9
27
13
14
28
16
20
21
22
D97IN571
SYNC
CLAMP
Figure 1. Block Diagram
PLCC44
ORDERING NUMBER: L6256
1/28


Similar Part No. - L6256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
April 1999
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Apr-2000
L6258 STMICROELECTRONICS-L6258 Datasheet
314Kb / 32P
PWM controlled high current DMOS universal motor driver
22-Nov-2007
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
Sep-2004
L6258E STMICROELECTRONICS-L6258E Datasheet
308Kb / 31P
PWM controlled high current DMOS universal motor driver
03-Dec-2007
More results

Similar Description - L6256

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
650 Watts 12V
DS850-3 ASTEC-DS850-3 Datasheet
100Kb / 4P
850 Watts 12V
logo
AAEON Technology
EMB-BT1 AAEON-EMB-BT1 Datasheet
406Kb / 2P
12v dc power
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
RATING:DC 12V 50mA
TSS-TC-1193 SUNTAN-TSS-TC-1193 Datasheet
103Kb / 1P
RATING:DC 12V 50mA
TSS-TC-12XT SUNTAN-TSS-TC-12XT Datasheet
73Kb / 1P
RATING:DC 12V 50mA
logo
Leshan Radio Company
LP2323LT1G LRC-LP2323LT1G Datasheet
424Kb / 3P
12V P-Channel Enhancement MOSFET VDS =-12V
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
2V to 12V Input Range for 12V Output
2007
logo
Rosenberger Hochfrequen...
M2K211-1AE ROSENBERGER-M2K211-1AE Datasheet
799Kb / 2P
POWERSYSTEM CLIP 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com