Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6256 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6256
Description  12V COMBO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6256 Datasheet(HTML) 5 Page - STMicroelectronics

  L6256 Datasheet HTML 1Page - STMicroelectronics L6256 Datasheet HTML 2Page - STMicroelectronics L6256 Datasheet HTML 3Page - STMicroelectronics L6256 Datasheet HTML 4Page - STMicroelectronics L6256 Datasheet HTML 5Page - STMicroelectronics L6256 Datasheet HTML 6Page - STMicroelectronics L6256 Datasheet HTML 7Page - STMicroelectronics L6256 Datasheet HTML 8Page - STMicroelectronics L6256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GENERAL BLOCK DESCRIPTIONS
(see figure 1)
Charge Pump
The Charge Pump provides bias for the upper driv-
ers, for the brake circuit, and for internal circuitry as
required for normal and spindown operation. Slew
rate control is built in for quiet operation.
Serial Interface
The serial interface will transfer all control, status
and data to and from the processor. Internal test-
ing provisions have also been made through this
port.
The interface is compatible with an
8X196MP,NU or K17 series processor at low
speed only, due to internal limitations of the proc-
essors. External chip select is mandatory on the
L6256. Chip Select is also used to reset and syn-
chronize the serial port. The serial port is used to
indicate thermal shutdown of the Dolphin chip.
Brake Delay Timer
The brake delay will, upon start of a park or brake
sequence, delay 128 negative zero crossings of
the A spindle phase to allow the park circuit to op-
erate. (The delay will typically be on the order of
400 msecs.) Then the braking sequence can be-
gin. The output of this timer is provided to the se-
rial port registers to indicate the start of the brake
action, and to indicate the start and end of the
park period.
3.3V Regulator
The 3.3V external regulator provides a logic 3.3V
using an external pass element (N channel FET),
tied into the undervoltage detection system. It has
the following features:
● Voltage mode control, using no external com-
pensation.
● 3:1 foldback current limit to protect the pass
element in case of component failure.
● Absolute regulation of 8% under all operating
conditions
Control Registers
See serial port section.
Internal Testing
This circuitry is per vendor’s specifications. No
test functions actuated by the serial port software
allow chip or drive damage to inadvertently occur.
Double level write enabling is used. Differing ven-
dor test requirements are accomodated using the
unique vendor code bits. Various external pins
are used for this function; consult the manufac-
turer’s data sheets.
Spindle Section
SPINDLE CURRENT LIMIT
The spindle current limit value in start mode is set
by the value of the external resistor on the Ref_In
pin during start (which at start is shorted to Vcc,
and the current out of the pin sets the current limit
value).
During run, various internal methods are used to
set a nominal maximum current value for circuit
protection only. Consult the data sheets and ap-
plication notes for a description of this circuitry.
Current limit operates on a cycle by cycle basis.
The current limit comparator output is provided to
the serial port to indicate when the spindle is in
current limit. The current limit bit is reset when
the status register is read.
NOTE: Current limit operation involves chaotic
states, and careful firmware control can be used,
if desired, to prevent audible squels. Actual cur-
rent limit value is also affected significantly by
motor inductance. See application notes.
COMMUTATION COUNTER (CCTR)
The Commutation Counter provides commutation
control for the spindle motor.
It advances the
spindle phases according to the bipolar phase
control sequence, every time a SPIN_CLK posi-
tive edge is received. Its reset state (B C\) is gov-
erned by the Commutation Preload Register
(CPR). Operation of the register is synchronous
with SP_CLK, but the reset is asynchronous.
COMMUTATION PRELOAD REGISTER (CPR)
During the initial start period, phase on/off control
is preloaded into the counters from the Commuta-
tion Preload Register, which is loaded from the
serial port. This allows direct commutation con-
trol from the processor.
Various commutation
schemes are implemented during startup by soft-
ware through this register.
High side bits take
precedence over low side bits.
For both high and low drivers, logic high input to
this register turns on the respective driver. Any
pattern other than all 1’s holds the CCTR in reset,
and sets the MUX to bring data from the CPR
register for the drive pattern. An all 1’s pattern
(an illegal state) releases the CCTR reset and
switches the MUX to read the CCTR.
An all 0 pattern in the CPR spindle control bits
both tristates the spindle drivers and resets the
commutation counter.
The commutation latch holds data from either the
CPR or the CCTR depending on whether all 1’s
are loaded into the CPR. The latch loads the pre-
vious state of the counter when the SP_CLK edge
comes in. The latch circuitry also provides chop
commutation information.
L6256
5/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com