Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI11010C Datasheet(PDF) 33 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 33 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 29Page - Microchip Technology PCI11010C Datasheet HTML 30Page - Microchip Technology PCI11010C Datasheet HTML 31Page - Microchip Technology PCI11010C Datasheet HTML 32Page - Microchip Technology PCI11010C Datasheet HTML 33Page - Microchip Technology PCI11010C Datasheet HTML 34Page - Microchip Technology PCI11010C Datasheet HTML 35Page - Microchip Technology PCI11010C Datasheet HTML 36Page - Microchip Technology PCI11010C Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 33
PCI11010C
3.4
Debouncers
Some pins have associated Debouncers (indicated by a DB buffer type) which can be enabled or disabled as needed.
The pins may be connected to pushbuttons that require debouncing, or they may be connected to digital outputs from
other chips which are perfectly clean (and may even be signaling something at a very high rate higher than the minimum
period resolution of the debounce timer). Via static (or even dynamic software driven) configuration, the system designer
can decide whether a Debouncer is needed and the associated timer value.
When the Debouncer is disabled, the raw input is used as the pin input. When the Debouncer is enabled, it will start to
debounce if there is a change in the value on the pin. The debounce will continue for the specified period of debounce
time. Once the debounce is complete, the signal is passed through (see Figure 3-2).
If the pin value changes within the debounce time, then the debouncing is restarted for the new input value. This behav-
ior is shown in Figure 3-3.
FIGURE 3-2:
DEBOUNCED RAW PIN INPUT
FIGURE 3-3:
DEBOUNCER RESTART
Raw Input
Signal
De-bounced
Signal
De-bounce
time
Raw Input
Signal
De-bounced
Signal
De-bounce
Period 1
(not completed)
De-bouncer
restarts
here
De-bouncer
Starts here
De-bounce
period2
(Completed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com