Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87564-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP87564-Q1
Description  LP8756x-Q1 16-A Buck Converter With Integrated Switches
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87564-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP87564-Q1 Datasheet HTML 17Page - Texas Instruments LP87564-Q1 Datasheet HTML 18Page - Texas Instruments LP87564-Q1 Datasheet HTML 19Page - Texas Instruments LP87564-Q1 Datasheet HTML 20Page - Texas Instruments LP87564-Q1 Datasheet HTML 21Page - Texas Instruments LP87564-Q1 Datasheet HTML 22Page - Texas Instruments LP87564-Q1 Datasheet HTML 23Page - Texas Instruments LP87564-Q1 Datasheet HTML 24Page - Texas Instruments LP87564-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
Frequency
21
LP87561-Q1
LP87562-Q1, LP87563-Q1, LP87564-Q1, LP87565-Q1
www.ti.com
SNVSB22 – MARCH 2018
Product Folder Links: LP87561-Q1 LP87562-Q1 LP87563-Q1 LP87564-Q1 LP87565-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Descriptions (continued)
8.3.1.5 Buck Converter Load-Current Measurement
Buck load current can be monitored via I2C registers. The monitored buck converter is selected with the
LOAD_CURRENT_BUCK_SELECT[1:0] bits in SEL_I_LOAD register. A write to this selection register starts a
current measurement sequence. The regulator is forced to PWM mode during the measurement. The
measurement sequence is 50 µs long, maximum. The LP8756x-Q1 device can be configured to give out an
interrupt (I_LOAD_READY bit in INT_TOP1 register) after the load current measurement sequence is finished.
Load current measurement interrupt can be masked with I_LOAD_READY_MASK bit (TOP_MASK1 register).
The measurement result can be read from registers I_LOAD_1 and I_LOAD_2. Register I_LOAD_1 bits
BUCK_LOAD_CURRENT[7:0] give out the LSB bits and register I_LOAD_2 bits BUCK_LOAD_CURRENT[9:8]
the MSB bits. The measurement result BUCK_LOAD_CURRENT[9:0] LSB is 20 mA, and maximum value of the
measurement corresponds to 20.46 A. If the selected buck regulator is a master phase, the measured current is
the total value of the master and slave phases. If the selected buck regulator is single-phase or slave phase, the
measured current is the output current of the selected phase.
8.3.1.6 Spread-Spectrum Mode
Systems with periodic switching signals may generate a large amount of switching noise in a set of narrowband
frequencies (the switching frequency and its harmonics). The usual solution to decrease noise coupling is to add
EMI filters and shields to the boards. The LP8756x-Q1 device has register-selectable spread-spectrum mode
which minimizes the need for output filters, ferrite beads, or chokes. In spread-spectrum mode, the switching
frequency varies around the center frequency, reducing the EMI emissions radiated by the converter and
associated passive components and PCB traces (see Figure 12). This feature is available only when internal RC
oscillator is used (PLL_MODE[1:0] = 00 in PLL_CTRL register), and it is enabled with the EN_SPREAD_SPEC
bit (PIN_FUNCTION register), and it affects all the buck cores.
Where a fixed-frequency converter exhibits large amounts of spectral energy at the switching frequency, the spread-
spectrum architecture of the LP8756x-Q1 spreads that energy over a large bandwidth.
Figure 12. Spread-Spectrum Modulation
8.3.2 Sync Clock Functionality
The LP8756x-Q1 device contains a CLKIN input to synchronize the switching clock of the buck regulator with the
external clock. The block diagram of the clocking and PLL module is shown in Figure 13. Depending on the
PLL_MODE[1:0] bits (in PLL_CTRL register) and the external clock availability, the external clock is selected,
and interrupt is generated, as shown in Table 2. The interrupt can be masked with SYNC_CLK_MASK bit in
TOP_MASK1 register. The nominal frequency of the external input clock is set by EXT_CLK_FREQ[4:0] bits (in
PLL_CTRL register), and it can be from 1 MHz to 24 MHz with 1-MHz steps. The external clock must be inside
accuracy limits (–30%/+10%) for valid clock detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com