Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87564-Q1 Datasheet(PDF) 49 Page - Texas Instruments

Part # LP87564-Q1
Description  LP8756x-Q1 16-A Buck Converter With Integrated Switches
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87564-Q1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP87564-Q1 Datasheet HTML 45Page - Texas Instruments LP87564-Q1 Datasheet HTML 46Page - Texas Instruments LP87564-Q1 Datasheet HTML 47Page - Texas Instruments LP87564-Q1 Datasheet HTML 48Page - Texas Instruments LP87564-Q1 Datasheet HTML 49Page - Texas Instruments LP87564-Q1 Datasheet HTML 50Page - Texas Instruments LP87564-Q1 Datasheet HTML 51Page - Texas Instruments LP87564-Q1 Datasheet HTML 52Page - Texas Instruments LP87564-Q1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
49
LP87561-Q1
LP87562-Q1, LP87563-Q1, LP87564-Q1, LP87565-Q1
www.ti.com
SNVSB22 – MARCH 2018
Product Folder Links: LP87561-Q1 LP87562-Q1 LP87563-Q1 LP87564-Q1 LP87565-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6.1.15 BUCK2_FLOOR_VOUT
Address: 0x0F
D7
D6
D5
D4
D3
D2
D1
D0
BUCK2_FLOOR_VSET[7:0]
Bits
Field
Type
Default
Description
7:0
BUCK2_FLOOR_V
SET[7:0]
R/W
0h
This bit sets the output voltage of the BUCK2 regulator when the floor state is used.
Reserved, do not use
0h to 9h
0.6 V to 0.73 V, 10-mV steps
Ah = 0.6 V
...
17h = 0.73 V
0.73 V to 1.4 V, 5-mV steps
18h = 0.735 V
...
9Dh = 1.4 V
1.4 V to 3.36 V, 20-mV steps
9Eh = 1.42 V
...
FFh = 3.36 V
8.6.1.16 BUCK3_VOUT
Address: 0x10
D7
D6
D5
D4
D3
D2
D1
D0
BUCK3_VSET[7:0]
Bits
Field
Type
Default
Description
7:0
BUCK3_VSET[7:0]
R/W
X
This bit sets the output voltage of the BUCK3 regulator.
Reserved, do not use
0h to 9h
0.6 V to 0.73 V, 10-mV steps
Ah = 0.6 V
...
17h = 0.73 V
0.73 V to 1.4 V, 5-mV steps
18h = 0.735 V
...
9Dh = 1.4 V
1.4 V to 3.36 V, 20-mV steps
9Eh = 1.42 V
...
FFh = 3.36 V
8.6.1.17 BUCK3_FLOOR_VOUT
Address: 0x11
D7
D6
D5
D4
D3
D2
D1
D0
BUCK3_FLOOR_VSET[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com