Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87564-Q1 Datasheet(PDF) 74 Page - Texas Instruments

Part # LP87564-Q1
Description  LP8756x-Q1 16-A Buck Converter With Integrated Switches
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87564-Q1 Datasheet(HTML) 74 Page - Texas Instruments

Back Button LP87564-Q1 Datasheet HTML 70Page - Texas Instruments LP87564-Q1 Datasheet HTML 71Page - Texas Instruments LP87564-Q1 Datasheet HTML 72Page - Texas Instruments LP87564-Q1 Datasheet HTML 73Page - Texas Instruments LP87564-Q1 Datasheet HTML 74Page - Texas Instruments LP87564-Q1 Datasheet HTML 75Page - Texas Instruments LP87564-Q1 Datasheet HTML 76Page - Texas Instruments LP87564-Q1 Datasheet HTML 77Page - Texas Instruments LP87564-Q1 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1
2
3
4
5
D037
ADDING
SHEDDING
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1
2
3
4
5
D038
ADDING
SHEDDING
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D035
2PH, PWM
2PH, PFM
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D036
1PH, PWM
1PH, PFM
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D034
3PH, PWM
3PH, PFM
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D033
4PH, PWM
4PH, PFM
74
LP87561-Q1
LP87562-Q1, LP87563-Q1, LP87564-Q1, LP87565-Q1
SNVSB22 – MARCH 2018
www.ti.com
Product Folder Links: LP87561-Q1 LP87562-Q1 LP87563-Q1 LP87564-Q1 LP87565-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Unless otherwise specified: VIN = 3.7 V, VOUT = 1 V, V(NRST) = 1.8 V, TA = 25°C, ƒSW = 2 MHz, L = 0.47 µH (TOKO
DFE252012PD-R47M), COUT = 22 µF / phase, and CPOL = 22 µF / phase. Measurements are done using connections in the
Typical Applications schematics.
Load = 4 A (PWM) and 0.1 A (PFM)
Figure 58. Output Voltage vs Temperature
(4-Phase Output)
Load = 3 A (PWM) and 0.1 A (PFM)
Figure 59. Output Voltage vs Temperature
(3-Phase Output)
Load = 2 A (PWM) and 0.1 A (PFM)
Figure 60. Output Voltage vs Temperature
(2-Phase Output)
Load = 1 A (PWM) and 0.1 A (PFM)
Figure 61. Output Voltage vs Temperature
(1-Phase Output)
Figure 62. Phase Adding and Shedding vs Load Current
(4-Phase Output)
Figure 63. Phase Adding and Shedding vs Load Current
(3-Phase Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com