Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87564-Q1 Datasheet(PDF) 24 Page - Texas Instruments

Part # LP87564-Q1
Description  LP8756x-Q1 16-A Buck Converter With Integrated Switches
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87564-Q1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP87564-Q1 Datasheet HTML 20Page - Texas Instruments LP87564-Q1 Datasheet HTML 21Page - Texas Instruments LP87564-Q1 Datasheet HTML 22Page - Texas Instruments LP87564-Q1 Datasheet HTML 23Page - Texas Instruments LP87564-Q1 Datasheet HTML 24Page - Texas Instruments LP87564-Q1 Datasheet HTML 25Page - Texas Instruments LP87564-Q1 Datasheet HTML 26Page - Texas Instruments LP87564-Q1 Datasheet HTML 27Page - Texas Instruments LP87564-Q1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
0.6V
Enable
Time
Voltage
Soft start
Ramp
BUCKx_CTRL2(SLEW_RATEx[2:0])
Resistive pull-down
(if enabled)
BUCKx_VSET[7:0]
INT_BUCK_x(BUCKx_PG_INT)
nINT
Host clears
interrupt
Powergood
interrupt
Powergood
BUCK_x_STAT(BUCKx_PG_STAT)
0
0
1
0.35V
Voltage decrease because of load
No new Powergood interrupt
BUCK_x_STAT(BUCKx_STAT)
0
0
1
0
1
1
0
0
24
LP87561-Q1
LP87562-Q1, LP87563-Q1, LP87564-Q1, LP87565-Q1
SNVSB22 – MARCH 2018
www.ti.com
Product Folder Links: LP87561-Q1 LP87562-Q1 LP87563-Q1 LP87564-Q1 LP87565-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 14. Regulator Enable and Disable
8.3.4.2 Changing Output Voltage
The output voltage of the regulator can be changed by the ENx pin (voltage levels defined by the BUCKx_VOUT
and BUCKx_FLOOR_VOUT registers) or by writing to the BUCKx_VOUT and BUCKx_FLOOR_VOUT registers.
The voltage change is always slew-rate controlled, and the slew-rate is defined by the SLEW_RATE[2:0] bits (in
BUCKx_CTRL2 register). During voltage change the forced-PWM mode is used automatically. If the multiphase
operation is forced by the BUCKx_FPWM_MP bit (in BUCKx_CTRL1 register), the regulator operates in
multiphase mode (two phases in dual-phase configuration, 3 phases in 3-phase configuration, and 4 phases in 4-
phase configuration). If the multiphase operation is not forced, the number of phases are added and shedded
automatically to follow the required slew rate. When the programmed output voltage is achieved, the mode
becomes the one defined by the load current and the BUCKx_FPWM and BUCKx_FPWM_MP bits in
BUCKx_CTRL1 register.
The Power-Good interrupt is generated when the output voltage reaches the programmed voltage level, as
shown in Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com