Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87564-Q1 Datasheet(PDF) 60 Page - Texas Instruments

Part # LP87564-Q1
Description  LP8756x-Q1 16-A Buck Converter With Integrated Switches
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87564-Q1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button LP87564-Q1 Datasheet HTML 56Page - Texas Instruments LP87564-Q1 Datasheet HTML 57Page - Texas Instruments LP87564-Q1 Datasheet HTML 58Page - Texas Instruments LP87564-Q1 Datasheet HTML 59Page - Texas Instruments LP87564-Q1 Datasheet HTML 60Page - Texas Instruments LP87564-Q1 Datasheet HTML 61Page - Texas Instruments LP87564-Q1 Datasheet HTML 62Page - Texas Instruments LP87564-Q1 Datasheet HTML 63Page - Texas Instruments LP87564-Q1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
60
LP87561-Q1
LP87562-Q1, LP87563-Q1, LP87564-Q1, LP87565-Q1
SNVSB22 – MARCH 2018
www.ti.com
Product Folder Links: LP87561-Q1 LP87562-Q1 LP87563-Q1 LP87564-Q1 LP87565-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6.1.38 I_LOAD_2
Address: 0x26
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BUCK_LOAD_CURRENT[9:8]
Bits
Field
Type
Default
Description
7:2
Reserved
R
0h
1:0
BUCK_LOAD_CUR
RENT[9:8]
R
0h
This register describes the three MSB bits of the average load current on the selected
regulator with a resolution of 20 mA per LSB and maximum code corresponding to a
20.47-A current.
8.6.1.39 I_LOAD_1
Address: 0x27
D7
D6
D5
D4
D3
D2
D1
D0
BUCK_LOAD_CURRENT[7:0]
Bits
Field
Type
Default
Description
7:0
BUCK_LOAD_CUR
RENT[7:0]
R
0x00
This register describes the eight LSB bits of the average load current on the selected
regulator with a resolution of 20 mA per LSB and maximum code corresponding to a
20.47-A current.
8.6.1.40 PGOOD_CTRL1
Address: 0x28
D7
D6
D5
D4
D3
D2
D1
D0
PG3_SEL[1:0]
PG2_SEL[1:0]
PG1_SEL[1:0]
PG0_SEL[1:0]
Bits
Field
Type
Default
Description
7:6
PG3_SEL[1:0]
R/W
X
PGOOD signal source control from the BUCK3 regulator
0h = Masked
1h = Power-good-threshold voltage
2h = Reserved, do not use
3h = Power-good-threshold voltage AND current limit
5:4
PG2_SEL[1:0]
R/W
X
PGOOD signal source control from the BUCK2 regulator
0h = Masked
1h = Power-good-threshold voltage
2h = Reserved, do not use
3h = Power-good threshold voltage AND current limit
3:2
PG1_SEL[1:0]
R/W
X
PGOOD signal source control from the BUCK1 regulator
0h = Masked
1h = Power-good-threshold voltage
2h = Reserved, do not use
3h = Power-good-threshold voltage AND current limit
1:0
PG0_SEL[1:0]
R/W
X
PGOOD signal source control from the BUCK0 regulator
0h = Masked
1h = Power-good-threshold voltage
2h = Reserved, do not use
3h = Power-good-threshold voltage AND current limit
8.6.1.41 PGOOD_CTRL2
Address: 0x29
D7
D6
D5
D4
D3
D2
D1
D0
HALF_DELAY
EN_PG0
_NINT
PGOOD_SET
_DELAY
EN_PGFLT
_STAT
Reserved
PGOOD_
WINDOW
PGOOD_OD
PGOOD_POL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com