Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2101 Datasheet(PDF) 36 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 36 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 32Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 33Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 34Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 35Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 36Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 37Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 38Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 39Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 40Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
General Information
This chapter provides additional reference information including
the characteristics and signal connections for the PCI Active
Analysis Probe module.
The following operating characteristics are not specifications, but
are typical operating characteristics for the PCI Active Analysis
Probe module.
32/64 bit PCI Local bus accepting the short card length and
universal connector pinout. All PCI local bus ground pins of the
universal board pinout are connected to the ground plane of the
PCI Active Analysis Probe module.
The PCI Active Analysis Probe does not implement JTAG
Boundary SCAN. Pins TDI and TBO (pins 4a and 4b) are
connected together so the scan chain is not broken.
The PCI signals PRSNT1# and PRSNT2# are routed to the PCI
Active Analysis Probe extender card connector.
The PCI Local Bus Specification Revision 2.1.
The PCI Active Analysis Probe contains several active
components that buffer the PCI signals before they are acquired
by the logic analyzer. The Analysis Probe takes no power from
the PCI bus but is powered by the logic analyzer.
1660A/C, 1661A/C, 1662A/C, 16550A, 16554A, 16555A,
16556A, 1670A, 1671A, 1672A
32 bit PCI multiplexed - 4 cable headers
32 bit PCI demultiplexed - 6 cable headers
32 bit address demultiplexed, 64 bit data - 9 headers
64 bit PCI multiplexed - 7 cable headers
64 bit PCI demultiplexed - 11 cable headers
Characteristics
Analysis Probe Interface
Compatibility
JTAG Boundary Scan
The PCI Present Pins
Standards Supported
Power Requirements
Logic Analyzer Required
Number of Probes Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com