Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2101 Datasheet(PDF) 25 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 25 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 21Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 22Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 23Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 24Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 25Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 26Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 27Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 28Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 29Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
The following error messages are reported by the PCI
inverse assembler.
ERROR-NO DEVICE SELECTED
This error is displayed during a non special cycle data phase
when IRDY and TRDY are asserted and DEVSEL is not
asserted.
ERROR DEVSEL ASSERTED
This error is displayed during a special cycle data phase if
DEVSEL is asserted.
SYSTEM ERROR
This error is displayed anytime SERR# is asserted.
The INVASM OPTIONS feature is not included with the PCI
Active Analysis Probe software. The same or better capability for
post processing acquired data can be achieved using the 16505A
Pattern Filters.
After the configuration file is loaded the PCI PC Mapper software
can be loaded:
1.
Install the PCI Analysis Probe software flexible diskette
in the disk drive of the logic analyzer.
2.
Configure the menu to “Load” the analyzer that is
connected to the PCI Active Analysis Probe with the file
names IAP64EXM.
3.
Execute the load operation to load the file into the logic
analyzer.
Data can be acquired by touching the RUN button. As soon as
there is activity on the bus, the logic analyzer will begin to acquire
data. The analyzer will continue to acquire data and will display
the data when the analyzer memory is full, the trigger
specification is
TRUE or when you touch STOP.
The logic analyzer will flash “Slow or Missing Clock” if the PCI
Clock signal is not being detected by the logic analyzer. In this
case, check the logic analyzer to PCI Active Analysis Probe
connection (refer to your User’s Manual).
Error Messages
INVASM OPTIONS
Setting up the
Analyzer to use the
PC Mapper Inverse
Assembler
Acquiring Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com