Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2101 Datasheet(PDF) 34 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 34 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 30Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 31Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 32Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 33Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 34Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 35Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 36Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 37Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 38Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
Although the Cycle bit and the L_CMD lines were designed for
state analysis they can prove to be very useful in Timing analysis.
These bits can be effectively used to trigger the timing analyzer.
Note that the cycle bits and L_CMD lines pass through more
active logic than the PCI signals directly from the bus. For this
reason they may not line up exactly with the ADDR lines and
should not be used for precise timing measurements.
The demultiplexed feature of the PCI Active Analysis Probe is not
applicable to timing mode. Therefore for 32 bit timing mode
analysis does not require PODS 5 and 6 and 64 bit timing mode
analysis does not require PODS 9 and 10.
If switching between demultiplexed state and timing mode those
PODS can be ignored when in timing mode. If doing only timing
mode the multiplexed files should be used.
Touch RUN and the logic analyzer will begin to acquire data.
The analyzer will continue to acquire data and will display the
data when the analyzer memory is full, the trigger specification is
TRUE or when you touch STOP.
The logic analyzer will flash “Waiting for Trigger” while the trigger
specification is NOT TRUE.
Captured data is displayed as shown in the following figure.
Using the Cycle bits
and L_CMD lines
Demultiplexed
versus Multiplexed
Acquiring Data
The Waveform
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com