Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2101 Datasheet(PDF) 28 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 28 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 24Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 25Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 26Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 27Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 28Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 29Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 30Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 31Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 32Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
Address bits
23-0
PC Mapper output
0003C4H
INT #F1-FF USER PROGRAMS
000200H
INT #80-F0 BASIC
0001E0H
INT #78-7F USER PROGRAMS
0001DCH
INT #77 IRQ15
0001D8H
INT #76 IRQ14
0001D4H
INT #75 IRQ13
0001D0H
INT #74 IRQ12
0001CCH
INT #73 IRQ11
0001C8H
INT #72 IRQ10
0001C4H
INT #71 IRQ9
0001C0H
INT #70 IRQ8
0001A0H
INT #68-6F RESERVED
00019CH
INT #67 EXP MEM MANG
000180H
INT #60-66 USER PROGRAMS
00012CH
INT #4B-5F RESERVED
000128H
INT #4A USER RTC ALARM
00011CH
INT #47-49 RESERVED
000118H
INT #46 HD DISK #1 PARAM
000110H
INT #44-45 RESERVED
00010CH
INT #43 VIDEO CHAR TABLE
000108H
INT #42 EGA BIOS
000104H
INT #41 HD DISK #0 PARAM
000100H
INT #40 FLOPPY DISK ISR
000080H
INT #20-3F RESERVED DOS
00007CH
INT #1F VIDEO CHAR TABLE
000078H
INT #1E FLOPPY PARAMS
000074H
INT #1D AVAILABLE
000070H
INT #1C AVAILABLE
00006CH
INT #1B KEYBOARD BREAK
000068H
INT #1A RTC ISR
000064H
INT #19 BOOSTRAP LOADER
000060H
INT #18 ROM BASIC
00005CH
INT #17 LPT PRINTER BIOS
000058H
INT #16 KEYBOARD BIOS
000054H
INT #15 SYS SERVICE BIOS
000050H
INT #14 SERIAL PORT BIOS
00004CH
INT #13 FLOPPY DISK BIOS
000048H
INT #12 MEM SIZE INT
000044H
INT #11 EQUIP LIST
000040H
INT #10 VIDEO BIOS
00003CH
INT #0F IRQ7 LPT1
000038H
INT #0E IRQ6 FLOPPY DISK
000034H
INT #0D IRQ5 LPT2
000030H
INT #0C IRQ4 SERIAL #1
00002CH
INT #0B IRQ3 SERIAL #2
000028H
INT #0A IRQ2 SLAVE INT
000024H
INT #09 KEYBOARD
000020H
INT #08 IRQ0 SYS TIMER
00001CH
INT #07 NUM COPROCESSOR
000018H
INT #06 INVALID OPCODE
000014H
INT #05 PRINT SCREEN
000010H
INT #04 OVERFLOW DETECT
00000CH
INT #03 BREAKPOINT TRACE
000008H
INT #02 NMI
Interrupt Vector
Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com