Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2101 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 10Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 11Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 12Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 13Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 14Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 15Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 16Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 17Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 18Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
POD 9
Header 9
16554/5/6/7
expander 2
card POD 1
16550 expander
card Pod 3
POD 10
Header 10
16554/5/6/7
expander
card POD 2
16550 expander
card Pod 4
POD 11
Header 11
16554/5/6/7
expander
card POD 3
16550 expander
card Pod 5
PCI Active Analysis Probe Header 4 contains 8 User Defined
pins. These pins are available to the user to connect whatever
additional signals the users wishes to view along with the PCI
bus. These pins are located below POD 3 on the PCI Active
Analysis Probe module and clearly marked
. These user pins are
available on the logic analyzer on POD 11 channels 15 thru 8.
These pins may be used to connect the individual IDSEL signals
from other PCI slots or the bus grant signals from the PCI bus
arbitration logic.
The PCI Active Analysis Probe can be installed in any slot of the
PCI Local bus. The following steps explain how to install the PCI
Active Analysis Probe into the PCI Local bus.
1.
Install the logic analyzer cables as described in the
previous section.
2.
Power off the PCI target. Align the PCI module with the
appropriate slot on the target system and plug the
module into the PCI connector. Power on the logic
analyzer and then power on the target.
If your PCI Local bus is 32 bits the upper portion of the edge
connector will not be inserted into any connector. This will not
affect the modules operation on a 32-bit PCI Local bus.
USER PINS
Installing the PCI
Active Analysis
Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com