Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2101 Datasheet(PDF) 38 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 38 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 34Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 35Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 36Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 37Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 38Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 39Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 40Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 41Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 42Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
38
The PCI Active Analysis Probe module monitors signals for both
state and timing analysis. The below figure displays how the
cable headers are numbered.
The following tables list the PCI Active Analysis Probe cable
headers and the corresponding PCI Local Bus signals after these
signals have been terminated by the 90K ohm/10pf terminators.
Analysis
Probe
Cable Header and
Pin number
Logic
Analyzer
channel number
PCI Signal name
Header 1 pin 3
CLK/16
PCI Clock
5
no connect
7
15
FRAME#
9
14
IRDY#
11
13
TRDY#
13
12
STOP#
15
11
DEVSEL#
17
10
L_CMD3
19
9
L_CMD2
21
8
L_CMD1
23
7
L_CMD0
25
6
C/BE3#
27
5
C/BE2#
29
4
C/BE1#
31
3
C/BE0#
33
2
RST#
35
1
PERR#
37
0
INTx#
Signal Connections
39 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 7 5 3 1
40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com