Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS2101 Datasheet(PDF) 37 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 37 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 33Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 34Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 35Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 36Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 37Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 38Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 39Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 40Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 41Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
37
0 to 33Mhz PCI clock for State mode and 0-100Mhz for Timing
Mode.
The PCI Active Analysis Probe logic analyzer interface presents
only one electrical load on each PCI bus signal. However, the
extender card connector is an additional 4 inches beyond the
maximum allowed stub length.
All PCI Local Bus operations supported.
Operating:0 to 55 degrees C (+32 to +131 degrees F)
Non operating:-40 to +75 degrees C (-40 to +167 degrees F)
Operating: 4,6000m (15,000 ft)
Non operating: 15,3000m (50,000 ft)
Up to 90% non condensing. Avoid sudden, extreme temperature
changes which would cause condensation on the Analysis Probe
module.
There are no automatic performance tests or adjustments for the
PCI Active Analysis Probe module. If a failure is suspected in the
PCI Active Analysis Probe module contact the factory or your
FuturePlus Systems authorized distributor.
The repair strategy for the PCI Active Analysis Probe is module
replacement. However, if parts of the PCI Active Analysis Probe
module are damaged or lost contact the factory for a list of
replacement parts.
Minimum Clock Period
(State)
Signal loading
Operations
Environmental
Temperature
Altitude
Humidity
Testing and
Troubleshooting
Servicing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com