Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 3Page - STMicroelectronics STA333W Datasheet HTML 4Page - STMicroelectronics STA333W Datasheet HTML 5Page - STMicroelectronics STA333W Datasheet HTML 6Page - STMicroelectronics STA333W Datasheet HTML 7Page - STMicroelectronics STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
STA333W
Pin description
7/42
14
Gnd
GND_REG
Internal ground reference
15
Power
VDD_REG
Internal 3.3 V reference voltage
16
I
CONFIG
Paralleled mode command
17
-
N.C.
Not connected
18
-
N.C.
Not connected
19
-
N.C.
Not connected
20
-
N.C.
Not connected
21
Power
VDD_DIG
Positive supply digital
22
Gnd
GND_DIG
Digital ground
23
I
PWRDN
Power down
0: low-power mode
1: normal operating mode
24
Power
VDD_PLL
Positive supply for PLL
25
I
FILTER_PLL
Connection to PLL filter
26
Gnd
GND_PLL
Negative supply for PLL
27
I
XTI
PLL input clock, 256 Fs, or 384 Fs
28
I
BICKI
I2S serial clock
29
I
LRCKI
I2S left/right clock
30
I
SDI
I2S serial data channel
31
I
RESET
Reset
32
O
INT_LINE
Fault interrupt
33
I/O
SDA
I2C serial data
34
I
SCL
I2C serial clock
35
Gnd
GND_DIG
Digital ground
36
Power
VDD_DIG
Digital supply
Table 2.
Pin description (continued)
Pin
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com