Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 6Page - STMicroelectronics STA333W Datasheet HTML 7Page - STMicroelectronics STA333W Datasheet HTML 8Page - STMicroelectronics STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics STA333W Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Electrical specification
STA333W
10/42
SNR
Signal to noise ratio in
ternary mode
A weighted
100
dB
Signal to noise ratio in
binary mode
A weighted
90
PSRR
Power supply rejection
ratio
DXX stereo mode, < 5 kHz,
Vripple = 1 V RMS
audio input = dither only
80
dB
XTALK
Crosstalk
DXX stereo mode, < 5 kHz,
One channel driven at 1 W
the other channel measured
80
dB
η
Peak efficiency
in DXX mode
Po = 2 x 20 W into 8
Ω
90
%
1.
The ILIM data is for 1 channel of BTL configuration, thus, 2 x ILIM drives the 2-channel BTL configuration.
The current limit is active when OCRB = 0 (see Table 24: Over current warning detect adjustment bypass
on page 26. When OCRB = 1 then ISC applies.
2.
The ISC current limit data is for 1 channel of BTL configuration, thus, 2 x ISC drives the 2-channel BTL
configuration. The short-circuit current is applicable when OCRB = 1 (see Table 24: Over current warning
detect adjustment bypass on page 26.
Table 6.
Electrical characteristics (continued)
(VCC = 18 V, VDD = 3.3 V, fsw = 384 kHz, Tamb = 25° C, RL = 8 Ω unless
otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com