Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 34Page - STMicroelectronics STA333W Datasheet HTML 35Page - STMicroelectronics STA333W Datasheet HTML 36Page - STMicroelectronics STA333W Datasheet HTML 37Page - STMicroelectronics STA333W Datasheet HTML 38Page - STMicroelectronics STA333W Datasheet HTML 39Page - STMicroelectronics STA333W Datasheet HTML 40Page - STMicroelectronics STA333W Datasheet HTML 41Page - STMicroelectronics STA333W Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package thermal characteristics
STA333W
38/42
9
Package thermal characteristics
A thermal resistance of 25° C/W can be achieved using a ground copper area of 3 x 3 cm,
and using 16 vias, on the PCB (see Figure 15). The amount of power dissipated within the
device depends primarily on the supply voltage, load impedance and output modulation
level.
The max estimated dissipated power for the STA333W is 3 W. This gives, with the
suggested board copper area, a maximum
∆Tj of 75 °C. This gives a safety margin before
the thermal protection intervention is invoked (Tj = 150 °C) in consumer environments where
a 50 °C is the maximum ambient temperature.
Figure 15.
Thermal characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com