Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA333W
Description  2-channel high-efficiency digital audio system
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 22Page - STMicroelectronics STA333W Datasheet HTML 23Page - STMicroelectronics STA333W Datasheet HTML 24Page - STMicroelectronics STA333W Datasheet HTML 25Page - STMicroelectronics STA333W Datasheet HTML 26Page - STMicroelectronics STA333W Datasheet HTML 27Page - STMicroelectronics STA333W Datasheet HTML 28Page - STMicroelectronics STA333W Datasheet HTML 29Page - STMicroelectronics STA333W Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Register description
STA333W
26/42
DDX compensation pulse size register
Over-current warning detect adjustment bypass
The OCWARN input is used to indicate an over current warning condition. When OCWARN
is asserted (set to 0), the power control block will force an adjustment to the modulation limit
(default -3dB) in an attempt to eliminate the over-current warning condition. Once the
over-current warning volume adjustment is applied, it remains in this state until reset is
applied. The level of adjustment can be changed via the TWOCL (thermal warning/over
current limit) setting which is address 0x37 of the user defined coefficient RAM.
7.1.5
Configuration register D (address 0x03)
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the data for each processing channel at the output of the crossover (bass management)
Table 22.
DDX compensating pulse size
Bit
R/W
RST
Name
Description
2R/W
1CSZ0
When OM[1:0]: 11, this register determines the size of
the DDX compensating pulse from 0 to 15 clock periods.
3R/W
0CSZ1
4R/W
1CSZ2
5R/W
0CSZ3
Table 23.
Compensating pulse size
CSZ(3..0)
Compensating pulse size
0000
0 ns (0 ticks) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 ticks) clock period compensating pulse size
Table 24.
Over current warning detect adjustment bypass
Bit
R/W
RST
Name
Description
7R/W
1OCRB
0: over current warning adjustment enabled
1: over current warning adjustment disabled
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
X
1
XXXXXX
Table 25.
Zero detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
1
ZDE
Setting of 1 enables the automatic zero-detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com