Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 176 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 176 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 172Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 173Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 174Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 175Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 176Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 177Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 178Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 179Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 282 page
background image
6.11.5.8.3 GPMC and NAND Flash — Asynchronous Mode
Table 6-62 and Table 6-63 present timing requirements and switching characteristics for GPMC and NAND Flash
— Asynchronous Mode.
Table 6-62. GPMC and NAND Flash Timing Requirements – Asynchronous Mode
see Figure 6-52
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
GNF12(1)
tacc(d)
Access time, input data GPMC_AD[15:0](3)
J(2)
ns
(1)
The GNF12 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of the read cycle and after GNF12 functional clock cycles, input data is internally sampled by the
active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field.
(2)
J = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(3)
(3)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
Table 6-63. GPMC and NAND Flash Switching Characteristics – Asynchronous Mode
see Figure 6-50, Figure 6-51, Figure 6-52 and Figure 6-53
NO.
PARAMETER
MIN
MAX
UNIT
GNF0
tw(wenV)
Pulse duration, output write enable GPMC_WEn valid
A(1)
ns
GNF1
td(csnV-wenV)
Delay time, output chip select GPMC_CSn[i](13) valid to output write
enable GPMC_WEn valid
B(2) - 2
B(2) + 2
ns
GNF2
tw(cleH-wenV)
Delay time, output lower-byte enable and command latch enable
GPMC_BE0n_CLE high to output write enable GPMC_WEn valid
C(3) - 2
C(3) + 2
ns
GNF3
tw(wenV-dV)
Delay time, output data GPMC_AD[15:0] valid to output write
enable GPMC_WEn valid
D(4) - 2
D(4) + 2
ns
GNF4
tw(wenIV-dIV)
Delay time, output write enable GPMC_WEn invalid to output data
GPMC_AD[15:0] invalid
E(5) - 2
E(5) + 2
ns
GNF5
tw(wenIV-cleIV)
Delay time, output write enable GPMC_WEn invalid to output
lower-byte enable and command latch enable GPMC_BE0n_CLE
invalid
F(6) - 2
F(6) + 2
ns
GNF6
tw(wenIV-CSn[i]V)
Delay time, output write enable GPMC_WEn invalid to output chip
select GPMC_CSn[i](13) invalid
G(7) - 2
G(7) + 2
ns
GNF7
tw(aleH-wenV)
Delay time, output address valid and address latch enable
GPMC_ADVn_ALE high to output write enable GPMC_WEn valid
C(3) - 2
C(3) + 2
ns
GNF8
tw(wenIV-aleIV)
Delay time, output write enable GPMC_WEn invalid to output
address valid and address latch enable GPMC_ADVn_ALE invalid
F(6) - 2
F(6) + 2
ns
GNF9
tc(wen)
Cycle time, write
H(8)
ns
GNF10
td(csnV-oenV)
Delay time, output chip select GPMC_CSn[i](13) valid to output
enable GPMC_OEn_REn valid
I(9) - 2
I(9) + 2
ns
GNF13
tw(oenV)
Pulse duration, output enable GPMC_OEn_REn valid
K(10)
ns
GNF14
tc(oen)
Cycle time, read
L(11)
ns
GNF15
tw(oenIV-CSn[i]V)
Delay time, output enable GPMC_OEn_REn invalid to output chip
select GPMC_CSn[i](13) invalid
M(12) - 2
M(12) + 2
ns
(1)
A = (WEOffTime - WEOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
(2)
B = ((WEOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(3)
C = ((WEOnTime - ADVOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - ADVExtraDelay)) × GPMC_FCLK(14) Note: For
DeviceType: NAND
•
During Command Latch Cycle: CLE signal is controlled by the ADVOnTime and ADVWrOffTime timing parameters
•
During Address Latch Cycle: ALE signal is controlled by the ADVOnTime and ADVWrOffTime timing parameters.
(4)
D = (WEOnTime × (TimeParaGranularity + 1) + 0.5 × WEExtraDelay) × GPMC_FCLK(14)
(5)
E = ((WrCycleTime - WEOffTime) × (TimeParaGranularity + 1) - 0.5 × WEExtraDelay) × GPMC_FCLK(14)
(6)
F = ((ADVWrOffTime - WEOffTime) × (TimeParaGranularity + 1) + 0.5 × (ADVExtraDelay - WEExtraDelay)) × GPMC_FCLK(14) Note:
For DeviceType: NAND
•
During Command Latch Cycle: CLE signal is controlled by the ADVOnTime and ADVWrOffTime timing parameters
•
During Address Latch Cycle: ALE signal is controlled by the ADVOnTime and ADVWrOffTime timing parameters.
(7)
G = ((CSWrOffTime - WEOffTime) × (TimeParaGranularity + 1) + 0.5 × (CSExtraDelay - WEExtraDelay)) × GPMC_FCLK(14)
(8)
H = WrCycleTime × (1 + TimeParaGranularity) × GPMC_FCLK(14)
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
176
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com