Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 261 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 261 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 257Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 258Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 259Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 260Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 261Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 262Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 263Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 264Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 282 page
background image
9.1.2 Device Naming Convention
Table 9-1. Nomenclature Description
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
a
Device Evolution Stage
X
Prototype
P
Preproduction (production test flow, no reliability data)
BLANK(1)
Production
BBBBBB
Base Production Part
Number
AM2434
(See Device Comparison)
AM2432
AM2431
r
Device Revision
A
Silicon Revision (SR) 1.0
B
Silicon Revision (SR) 2.0
Z
Device Speed Grades
S
(See Speed Grade Maximum Frequency)
K
f
Features
(See Device
Comparison)
C
All PRU_ICSSG features are enabled except for industrial
communication support. PRU_ICSSG industrial communication
interfaces include Ethernet networking (MII/RGMII, MDIO),
Sigma-Delta (SD) decimation, and three channel peripheral
interface (EnDat 2.2 and BiSS)
D
Features supported by C, plus PRU_ICSSG industrial
communication subsystem are enabled
E
Features supported by D, plus CAN FD, and hardware support
for EtherCAT and other Ethernet protocols requiring hardware
auto-forwarding feature are enabled
F
Features supported by E, plus Pre-integrated Stacks are
enabled
Y
Functional Safety
G
Non-Functional Safety
F
Functional Safety
y
Security
G
Non-Secure
H
Secure
t
Temperature(2)
A
-40°C to 105°C - Extended Industrial
(See Recommended Operating Conditions)
I
-40°C to 125°C - 125°C Industrial
(See Recommended Operating Conditions and Section 6.3
Power-On Hours (POH))
PPP
Package Designator
ALV
ALV Package
FCBGA-N441 (17.2mm × 17.2mm - 0.8mm pitch)
ANI
ANI Package
FCBGA-N441 (17.2mm × 17.2mm - 0.8mm pitch)
ALX
ALX Package
FCCSP-N293 (11.0mm × 11.0mm - 0.5mm pitch)
c
Carrier Type
R
Tape and Reel
BLANK
Tray
Q1
Automotive Designator
Q
Auto Qualified (Q100)
EP
Enhanced Product
BLANK(1)
Standard
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code; For TI use only
O
Pin one designator
G1
ECAT—Green package designator
(1)
BLANK fields in the symbol or part number are collapsed so there are no gaps between characters.
(2)
Applies to device max junction temperature. See Power-On Hours (POH) for more details.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
261
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com