Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 264 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 264 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 260Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 261Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 262Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 263Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 264Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 265Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 266Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 267Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 282 page
background image
10 Revision History
Changes from December 22, 2025 to June 3, 2026 (from Revision H (DECEMBER 2025) to
Revision I (June 2026))
Page
• Global: Added ANI package option support to the device.................................................................................1
• (Features): Added details for the new ANI package option................................................................................1
• (Device Comparison): Аdded a note clarifying that features availability may vary by package..........................7
• (Power-On Hours): Removed note referencing an application report............................................................ 104
• (Speed Grade Maximum Frequency): Added ANI package option to the table..............................................107
• (Thermal Resistance Characteristics): Added ANI package option to the table............................................. 118
• (MCU_OSC0 Switching Characteristics - Crystal Mode): Added ANI package option to the table................ 136
• (GPMC): Widened range of output load capacitance. Specified separate ranges for 133MHz Synchronous
Mode and All other modes..............................................................................................................................160
• (GPMC and NOR Flash Timing Requirements — Synchronous Mode): Simplified MODE column to include
only div_by_1_mode and not_div_by_1_mode. Changed column headers from GPMC_FCLK = 100MHz/
133MHz to 32-bit data bus (up to 100MHz)/16-bit data bus (up to 133MHz). Simplified several parameter
descriptions. Updated pin names to match Pin Attributes table. Updated the table notes. ...........................160
• (GPMC and NOR Flash Switching Characteristics – Synchronous Mode): Removed the MODE column.
Combined the GPMC_FCLK=100MHz and GPMC_FCLK=133MHz columns. Reduced F2 and F3 clk-csn
maximum output delays. Changed the timing variable in parameters F3 and F11 to "D". Removed 2 of the F7
rows. Removed the "J" timing variable from the F15 and F17 parameters. Added byte enables for 32-bit data
bus to F6, F7, F17, F19. Simplified several parameter descriptions. Updated pin names to match Pin
Attributes table. Updated the table notes....................................................................................................... 160
• (GPMC and NOR Flash Timing Requirements – Asynchronous Mode): Removed the MODE column and the
table note that described register configuration for div_by_1_mode. Added the correct table note for
parameter FA21 .............................................................................................................................................169
• (GPMC and NOR Flash Switching Characteristics – Asynchronous Mode): Removed the MODE column and
redundant rows. Also removed the table note that described register configuration for div_by_1_mode. Moved
links to table notes directly next to each letter. ..............................................................................................169
• (GPMC and NAND Flash Timing Requirements – Asynchronous Mode): Removed the MODE column and the
table note that described register configuration for div_by_1_mode.............................................................. 176
• (GPMC and NAND Flash Switching Characteristics – Asynchronous Mode): Removed the MODE column and
the table note that described register configuration for div_by_1_mode. Added table notes and associated
reference links for timing variables A, B, C, D, E, F, G, H, I, K, L, and M.......................................................176
• (MCSPI Switching Characteristics – Peripheral Mode): Updated values for parameters SS6 and SS7........ 187
• (Device Naming Convention): Updated Package Designator row (added ANI package option).................... 261
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
264
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com