Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 118 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 118 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 114Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 115Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 116Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 117Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 118Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 119Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 120Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 121Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 282 page
background image
6.9 Thermal Resistance Characteristics
For operation and reliability concerns, the maximum junction temperature of the device must be equal to or less
than the TJ value identified in Recommended Operating Conditions.
Note
The thermal parameters are generated following JEDEC standard JESD51x and are not intended
for design parameters. If you need a more accurate thermal representation, download the processor
thermal model and import your PCB design into a thermal simulation environment. For details on
thermal implementation guidelines, see the Thermal Solution Guidance section.
6.9.1 Thermal Resistance Characteristics
Table 6-2. Thermal Resistance Characteristics
TI recommends performing system level thermal simulations with worst case device power consumption.
NO.
PARAMETER
DESCRIPTION
ALX
Package
°C/W(1) (2)
ALV
Package
°C/W(1) (2)
ANI
Package
°C/W(1) (2)
AIR FLOW
(m/s)(3)
T1
RΘJC
Junction-to-case
4.8
0.98
3.0
N/A
T2
RΘJB
Junction-to-board
5.4
3.87
8.2
N/A
T3
RΘJA
Junction-to-free air
19.8
12.8
18.7
0
T4
RΘJA
Junction-to-moving air
14.1
9.2
13.8
1
T5
13
8.2
12.8
2
T6
12.3
7.6
12.3
3
T7
ΨJT
Junction-to-package top
0.06
0.53
0.08
0
T8
0.16
0.55
0.14
1
T9
0.21
0.57
0.17
2
T10
0.25
0.58
0.20
3
T11
ΨJB
Junction-to-board
5.3
3.74
8.1
0
T12
4.95
3.5
7.6
1
T13
4.88
3.4
7.4
2
T14
4.83
3.3
7.3
3
(1)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC defined 1S0P system) and is subject to change based on environment as well as application. For more information, see the
EIA/JEDEC standards.
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
(2)
°C/W = degrees Celsius per watt.
(3)
m/s = meters per second.
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
118
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com