Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 123 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 123 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 119Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 120Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 121Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 122Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 123Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 124Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 125Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 126Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 282 page
background image
6.11.2.2.1 Power-Up Sequencing
Table 6-6 and Figure 6-6 describe the device power-up sequencing.
Note
All power rails must be turned off and decay below 300mV before initiating a new power-up sequence
anytime a power rail drops below the minimum value defined in Recommended Operating Conditions.
Table 6-5. Power-Up Sequencing – Supply / Signal Assignments
See: Figure 6-6
WAVEFORM
SUPPLY / SIGNAL NAME
A
VSYS(1), VMON_VSYS(2)
B
VDDSHV_MCU(3), VDDSHV0(3), VDDSHV1(3), VDDSHV2(3), VDDSHV3(3), VDDSHV4(3), VDDA_3P3_USB0,
VMON_3P3_SOC(4), VMON_3P3_MCU(4)
C
VDDSHV_MCU(5), VDDSHV0(5), VDDSHV1(5), VDDSHV2(5), VDDSHV3(5), VDDSHV4(5), VDDA_MCU,
VDDS_OSC, VDDA_ADC0, VDDA_PLL0, VDDA_PLL1, VDDA_PLL2, VDDA_1P8_SERDES0, VDDA_1P8_USB0,
VMON_1P8_SOC(6), VMON_1P8_MCU(6), VDDA_TEMP0, VDDA_TEMP1, VDDS_MMC0
D
VDDA_3P3_SDIO(7) (8), VDDSHV5(7)
E
VDDS_DDR(9), VDDS_DDR_C(9)
G
VDD_CORE(10), VDDA_0P85_USB0(10), VDDA_0P85_SERDES0(10), VDDA_0P85_SERDES0_C(10), VDD_MMC0(10),
VDDA_DLL_MMC0(10), VDDR_CORE(10) (10)
H
VPP(11)
I
MCU_PORz
J
MCU_OSC0_XI, MCU_OSC0_XO
(1)
VSYS represents the name of a supply which sources power to the entire system. This supply is expected to be a pre-regulated supply
that sources power management devices which source all other supplies.
(2)
VMON_VSYS input is used to monitor VSYS via an external resistor divider circuit. For more information, see Section 8.2.5, System
Power Supply Monitor Design Guidelines.
(3)
VDDSHV_MCU and VDDSHVx [x=0-4] are dual voltage IO supplies which can be operated at 1.8V or 3.3V depending on the
application requirements.
When any of the VDDSHV_MCU or VDDSHVx [x=0-4] IO supplies are operating at 3.3V, they shall be ramped up with other 3.3V
supplies during the 3.3V ramp period defined by this waveform.
(4)
The VMON_3P3_MCU and VMON_3P3_SOC inputs are used to monitor supply voltage and shall be connected to the respective 3.3V
supply source.
(5)
VDDSHV_MCU and VDDSHVx [x=0-4] are dual voltage IO supplies which can be operated at 1.8V or 3.3V depending on the
application requirements.
When any of the VDDSHV_MCU or VDDSHVx [x=0-4] IO supplies are operating at 1.8V, they shall be ramped up with other 1.8V
supplies during the 1.8V ramp period defined by this waveform.
(6)
The VMON_1P8_MCU and VMON_1P8_SOC inputs are used to monitor supply voltage and shall be connected to the respective 1.8V
supply source.
(7)
VDDA_3P3_SDIO was designed to support power-up or power-down without any dependency on other power rails. VDDSHV5 is a
dual voltage IO supply that was designed to support power-up, power-down, or dynamic voltage change without any dependency on
other power rails. This capability is required to support UHS-I SD Cards.
(8)
VDDA_3P3_SDIO is the 3.3V power rail for the internal SDIO_LDO. This power rail must be sourced from the same 3.3V power supply
that provides power to a UHS-I SD Card connected to MMC1, which allows the MMC1 IOs and the SD Card IOs to power-up and
power-down at the same time when the SD Card power supply is powered off to reset the SD Card. For this use case the SDIO_LDO
output (CAP_VDDSHV_MMC1) is used to power the VDDSHV5 IO power rail, which will ramp-up and ramp-down along with the
VDDA_3P3_SDIO power rail.
(9)
VDDS_DDR and VDDS_DDR_C are expected to be powered by the same source such that they ramp together.
(10) VDD_CORE, VDDA_0P85_USB0, VDDA_0P85_SERDES0, VDDA_0P85_SERDES0_C, VDD_MMC0, VDDA_DLL_MMC0, and
VDDR_CORE are expected to be powered by the same 0.85V source such that they ramp together.
(11) VPP is the 1.8V eFuse programming supply, which shall be left floating (HiZ) or grounded during power-up/down sequences and
during normal device operation. This supply shall only be sourced while programming eFuse.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
123
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com