Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 125 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 121Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 122Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 123Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 124Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 125Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 126Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 127Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 128Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 282 page
background image
6.11.2.2.2 Power-Down Sequencing
Table 6-6 and Figure 6-6 describe the device power-down sequencing.
Note
All power rails must be turned off and decay below 300mV before initiating a new power-up sequence
anytime a power rail drops below the minimum value defined in Recommended Operating Conditions.
Table 6-6. Power-Down Sequencing – Supply / Signal Assignments
See: Figure 6-6
WAVEFORM
SUPPLY / SIGNAL NAME
A
VSYS, VMON_VSYS
B
VDDSHV_MCU(1), VDDSHV0(1), VDDSHV1(1), VDDSHV2(1), VDDSHV3(1), VDDSHV4(1),VDDA_3P3_USB0,
VMON_3P3_SOC, VMON_3P3_MCU
C
VDDSHV_MCU(2), VDDSHV0(2), VDDSHV1(2), VDDSHV2(2), VDDSHV3(2), VDDSHV4(2), VDDA_MCU,
VDDS_OSC, VDDA_ADC0, VDDA_PLL0, VDDA_PLL1, VDDA_PLL2, VDDA_1P8_SERDES0, VDDA_1P8_USB0,
VMON_1P8_SOC, VMON_1P8_MCU, VDDA_TEMP0, VDDA_TEMP1, VDDS_MMC0
D
VDDA_3P3_SDIO(3) (4), VDDSHV5(3)
E
VDDS_DDR(5), VDDS_DDR_C(5)
G
VDD_CORE(6), VDDA_0P85_USB0(6), VDDA_0P85_SERDES0(6), VDDA_0P85_SERDES0_C(6), VDD_MMC0(6),
VDDA_DLL_MMC0(6), VDDR_CORE(6)
H
VPP
I
MCU_PORz
J
MCU_OSC0_XI, MCU_OSC0_XO
(1)
VDDSHV_MCU and VDDSHVx [x=0-4] when operating at 3.3V.
(2)
VDDSHV_MCU and VDDSHVx [x=0-4] when operating at 1.8V.
(3)
VDDA_3P3_SDIO was designed to support power-up or power-down without any dependency on other power rails. VDDSHV5 is a
dual voltage IO supply that was designed to support power-up, power-down, or dynamic voltage change without any dependency on
other power rails. This capability is required to support UHS-I SD Cards.
(4)
VDDA_3P3_SDIO is the 3.3V power rail for the internal SDIO_LDO. This power rail must be sourced from the same 3.3V power supply
that provides power to a UHS-I SD Card connected to MMC1, which allows the MMC1 IOs and the SD Card IOs to power-up and
power-down at the same time when the SD Card power supply is powered off to reset the SD Card. For this use case the SDIO_LDO
output (CAP_VDDSHV_MMC1) is used to power the VDDSHV5 IO power rail, which will ramp-up and ramp-down along with the
VDDA_3P3_SDIO power rail.
(5)
VDDS_DDR and VDDS_DDR_C are expected to be powered by the same source such that they ramp together.
(6)
VDD_CORE, VDDA_0P85_USB0, VDDA_0P85_SERDES0, VDDA_0P85_SERDES0_C, VDD_MMC0, VDDA_DLL_MMC0, and
VDDR_CORE are expected to be powered by the same 0.85V source such that they ramp together.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com