Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 97Page - Texas Instruments TMS320VC5502 Datasheet HTML 98Page - Texas Instruments TMS320VC5502 Datasheet HTML 99Page - Texas Instruments TMS320VC5502 Datasheet HTML 100Page - Texas Instruments TMS320VC5502 Datasheet HTML 101Page - Texas Instruments TMS320VC5502 Datasheet HTML 102Page - Texas Instruments TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments TMS320VC5502 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.14.2.1 DPORT Configuration Register (DCR)
The DPORT Configuration Register bit layout is shown in Figure 3-46 and the bits are described in
Table 3-51.
15
8
Reserved
R, 00000000
7
6
0
WPE
Reserved
R/W, 0
R, 0000000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-46. DPORT Configuration Register Layout (0x0200)
Table 3-51. DPORT Configuration Register Bit Field Description
(1)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-8
R
00000000
Reserved
WPE
7
R/W
0
Write Posting Enable bit(1)
•
WPE = 0: Write posting disabled
•
WPE = 1: Write posting enabled
Reserved
6-0
R
0000000
Reserved
(1)
Write posting should not be enabled or disabled while the EMIF is conducting a transaction with external memory.
3.14.2.2 DPORT Bus Error Register (DERR)
The DPORT Bus Error Register bit layout is shown in Figure 3-47 and the bits are described in
Table 3-52.
15
13
12
11
8
Reserved
EMIFTO
Reserved
R, 000
R, 0
R, 0000
7
0
Reserved
R, 0000000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-47. DPORT Bus Error Register Layout (0x0202)
Table 3-52. DPORT Bus Error Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-13
R
000
Reserved
EMIFTO
12
R
0
EMIFTO bit
•
EMIFTO = 0: No error
•
EMIFTO = 1: Error 1 error
Reserved
11-0
R
000000000000
Reserved
Submit Documentation Feedback
Functional Overview
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com