Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 100Page - Texas Instruments TMS320VC5502 Datasheet HTML 101Page - Texas Instruments TMS320VC5502 Datasheet HTML 102Page - Texas Instruments TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments TMS320VC5502 Datasheet HTML 105Page - Texas Instruments TMS320VC5502 Datasheet HTML 106Page - Texas Instruments TMS320VC5502 Datasheet HTML 107Page - Texas Instruments TMS320VC5502 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 190 page
background image
www.ti.com
3.14.5
Time-Out Control Register (TOCR)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The Time-Out Control Register can be used to select whether or not a time-out error is generated when
an access to a disabled/idled peripheral module occurs. If the CPU or DMA access a disabled/idle
peripheral module and 512 CPU clock cycles pass without an acknowledgement from the peripheral
module, then a time-out error will be sent to the corresponding module if bit 1 in the Time-Out Control
Register is set. A time-out error will generate a CPU bus error that can be serviced through software by
using the bus error interrupt (BERR) (see Section 3.17, Interrupts, for more information on interrupts). If
the DMA gets a time-out error, it will set the TIMEOUT bit in the DMA Status Register (DMACSR) and
generate
a
time-out
error
that
can
be
serviced
through
software
by
the
CPU
[see
the
TMS320VC5501/5502 DSP Direct Memory Access (DMA) Controller Reference Guide (literature number
SPRU613) for more information on using this feature of the DMA].
The Time-Out Control Register can also be used to select whether or not a time-out error is generated
when a memory access through the EMIF module stalls for more than 512 CPU clock cycles. It is
recommended that this feature not be used for it can cause unexpected results.
15
8
Reserved
R, 00000000
7
2
1
0
Reserved
EMIFTOEN
PERITOEN
R, 000000
R/W, 0
R/W, 1
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-50. Time-Out Control Register Layout (0x9000)
Table 3-55. Time-Out Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-2
R
00000000000000 Reserved
EMIFTOEN
1
R/W
0
EMIF time-out control bit
•
EMIFTOEN = 0: A time-out error is not generated when an EMIF
access stalls for more than 512 CPU clock cycles.
•
EMIFTOEN = 1: A time-out error is generated when an EMIF
access stalls for more than 512 CPU clock cycles.
PERITOEN
0
R/W
1
Peripheral module time-out control bit
•
PERITOEN = 0: A time-out error is not generated when a CPU
access to a disabled/idle peripheral module stalls for more than
512 CPU clock cycles.
•
PERITOEN = 1: A time-out error is generated when a CPU
access to a disabled/idle peripheral module stalls for more than
512 CPU clock cycles.
Functional Overview
104
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com