Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 101Page - Texas Instruments TMS320VC5502 Datasheet HTML 102Page - Texas Instruments TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments TMS320VC5502 Datasheet HTML 105Page - Texas Instruments TMS320VC5502 Datasheet HTML 106Page - Texas Instruments TMS320VC5502 Datasheet HTML 107Page - Texas Instruments TMS320VC5502 Datasheet HTML 108Page - Texas Instruments TMS320VC5502 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 190 page
background image
www.ti.com
3.15 CPU Memory-Mapped Registers
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The 5502 has 78 memory-mapped CPU registers that are mapped in data memory space address 0h to
4Fh. Table 3-56 provides a list of the CPU memory-mapped registers (MMRs) available. The
corresponding TMS320C54x™ (C54x™) CPU registers are also indicated where applicable.
Table 3-56. CPU Memory-Mapped Registers
C54X
C55X
WORD ADDRESS
C55x REGISTER DESCRIPTION
BIT FIELD
REGISTER
REGISTER
(HEX)
IER
IER0
00
Interrupt Enable Register 0
[15-0]
IFR
IFR0
01
Interrupt Flag Register 0
[15-0]
-
ST0_55
02
Status Register 0
[15-0]
-
ST1_55
03
Status Register 1
[15-0]
-
ST3_55
04
Status Register 3
[15-0]
-
-
05
Reserved
[15-0]
ST0
ST0
06
Status Register 0 (protected address for C54x code)
[15-0]
ST1
ST1
07
Status Register 1 (protected address for C54x code)
[15-0]
AL
AC0L
08
[15-0]
AH
AC0H
09
Accumulator 0
[31-16]
AG
AC0G
0A
[39-32]
BL
AC1L
0B
[15-0]
BH
AC1H
0C
Accumulator 1
[31-16]
BG
AC1G
0D
[39-32]
TREG
T3
0E
Temporary Register 3
[15-0]
TRN
TRN0
0F
Transition Register 0
[15-0]
AR0
AR0
10
Auxiliary Register 0
[15-0]
AR1
AR1
11
Auxiliary Register 1
[15-0]
AR2
AR2
12
Auxiliary Register 2
[15-0]
AR3
AR3
13
Auxiliary Register 3
[15-0]
AR4
AR4
14
Auxiliary Register 4
[15-0]
AR5
AR5
15
Auxiliary Register 5
[15-0]
AR6
AR6
16
Auxiliary Register 6
[15-0]
AR7
AR7
17
Auxiliary Register 7
[15-0]
SP
SP
18
Data Stack Pointer
[15-0]
BK
BK03
19
Circular Buffer Size Register for AR[0-3]
[15-0]
BRC
BRC0
1A
Block Repeat Counter 0
[15-0]
RSA
RSA0L
1B
Low Part of Block Repeat Start Address Register 0
[15-0]
REA
REA0L
1C
Low Part of Block Repeat End Address Register 0
[15-0]
PMST
PMST
1D
Status Register 3 (protected address for C54x code)
[15-0]
XPC
XPC
1E
Program Counter Extension Register for C54x code
[7-0]
-
-
1F
Reserved
[15-0]
-
T0
20
Temporary Register 0
[15-0]
-
T1
21
Temporary Register 1
[15-0]
-
T2
22
Temporary Register 2
[15-0]
-
T3
23
Temporary Register 3
[15-0]
-
AC2L
24
Accumulator 2
[15-0]
-
AC2H
25
[31-16]
-
AC2G
26
[39-32]
-
CDP
27
Coefficient Data Pointer
[15-0]
-
AC3L
28
Accumulator 3
[15-0]
Submit Documentation Feedback
Functional Overview
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com