Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 19Page - ams-OSRAM AG AS1130 Datasheet HTML 20Page - ams-OSRAM AG AS1130 Datasheet HTML 21Page - ams-OSRAM AG AS1130 Datasheet HTML 22Page - ams-OSRAM AG AS1130 Datasheet HTML 23Page - ams-OSRAM AG AS1130 Datasheet HTML 24Page - ams-OSRAM AG AS1130 Datasheet HTML 25Page - ams-OSRAM AG AS1130 Datasheet HTML 26Page - ams-OSRAM AG AS1130 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Page 22
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Detailed Description
Initial Power-Up
On initial power-up, the AS1130 registers are reset to their
default values, the display is blanked, and the device goes into
shutdown mode. At this time, all registers should be
programmed for normal operation. To bring the device into
normal operation the following sequence needs to be
performed.
Start-Up Sequence
• Power-up the AS1130 (connect VDD to a source), the
devices is in shutdown;
• After 5ms the address of the AS1130 is valid and the first
I²C command can be send.
• Define RAM Configuration; bit mem_conf in the AS1130
Config Register (see Figure 45)
•On/Off Frames
•Blink & PWM Sets
• Dot Correction, if specified
• Define Control Register (see Figure 38)
• Current Source
• Display options
• Display picture / play movie
• To light up the LEDs set the shdn bit to ‘1’ for normal
operation mode (see Figure 48).
Shutdown Mode
The AS1130 device features two different shutdown modes. A
software shutdown via shutdown register (see Shutdown &
Open/Short Register (0x09)) and a hardware shutdown via the
RSTN pin.
The software shutdown disables all LEDs and stops the internal
operation of the logic. A shutdown mode via the RSTN pin
additionally powers down the power-on-reset (POR) of the
device. In this shutdown mode the AS1130 consumes only
100nA (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com