Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 14Page - ams-OSRAM AG AS1130 Datasheet HTML 15Page - ams-OSRAM AG AS1130 Datasheet HTML 16Page - ams-OSRAM AG AS1130 Datasheet HTML 17Page - ams-OSRAM AG AS1130 Datasheet HTML 18Page - ams-OSRAM AG AS1130 Datasheet HTML 19Page - ams-OSRAM AG AS1130 Datasheet HTML 20Page - ams-OSRAM AG AS1130 Datasheet HTML 21Page - ams-OSRAM AG AS1130 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
ams Datasheet
Page 17
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Detailed Description
Figure 24:
Bus Protocol
The bus protocol (as shown in Figure 24) is defined as:
• Data transfer may be initiated only when the bus is not
busy.
• During data transfer, the data line must remain stable
whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH will be interpreted as control
signals.
The bus conditions are defined as:
• Bus Not Busy. Data and clock lines remain HIGH.
• Start Data Transfer. A change in the state of the data line,
from HIGH to LOW, while the clock is HIGH, defines a START
condition.
• Stop Data Transfer. A change in the state of the data line,
from LOW to HIGH, while the clock line is HIGH, defines
the STOP condition.
• Data Valid. The state of the data line represents valid data,
when, after a START condition, the data line is stable for
the duration of the HIGH period of the clock signal. There
is one clock pulse per bit of data. Each data transfer is
initiated with a START condition and terminated with a
STOP condition. The number of data bytes transferred
between START and STOP conditions is not limited and is
determined by the master device. The information is
transferred byte-wise and each receiver acknowledges
with a ninth-bit. Within the I²C bus specifications a
high-speed mode (3.4MHz clock rate) is defined.
SDI
SCLK
Slave Address
R/W
Direction Bit
START
1
2
6
7
8
9
1
23-7
8
9
ACK
MSB
Repeat if More Bytes Transferred
STOP or
Repeated
START
ACK from
Receiver
ACK from
Receiver
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com