Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 46Page - ams-OSRAM AG AS1130 Datasheet HTML 47Page - ams-OSRAM AG AS1130 Datasheet HTML 48Page - ams-OSRAM AG AS1130 Datasheet HTML 49Page - ams-OSRAM AG AS1130 Datasheet HTML 50Page - ams-OSRAM AG AS1130 Datasheet HTML 51Page - ams-OSRAM AG AS1130 Datasheet HTML 52Page - ams-OSRAM AG AS1130 Datasheet HTML 53Page - ams-OSRAM AG AS1130 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
ams Datasheet
Page 49
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
AS1130 Open LED Register (0x20 to 0x37)
This is a read only register. From this register the LED’s which failed with an open error can be read out. A ‘1’ indicates
LED okay, a ‘0’ stands for LED open. If a LED, which is physically not connected to the device is tested, the Open LED
test will return a ‘0’.
Figure 53:
Open LED Register Format
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0x20
00100000
LED
07
LED
06
LED
05
LED
04
LED
03
LED
02
LED
01
LED
00
0x21
0010000100000
LED
0A
LED
09
LED
08
1
0x22
0
0
1
0
0
0
1
0
LED
17
LED
16
LED
15
LED
14
LED
13
LED
12
LED
11
LED
10
0x23
0
0
1
0
0
0
1
1
0
0
0
0
0
LED
1A
LED
19
LED
18
2
0x24
00100100
LED
27
LED
26
LED
25
LED
24
LED
23
LED
22
LED
21
LED
20
0x25
0010010100000
LED
2A
LED
29
LED
28
3
0x26
0
0
1
0
0
1
1
0
LED
37
LED
36
LED
35
LED
34
LED
33
LED
32
LED
31
LED
30
0x27
0
0
1
0
0
1
1
1
0
0
0
0
0
LED
3A
LED
39
LED
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com