Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 5Page - ams-OSRAM AG AS1130 Datasheet HTML 6Page - ams-OSRAM AG AS1130 Datasheet HTML 7Page - ams-OSRAM AG AS1130 Datasheet HTML 8Page - ams-OSRAM AG AS1130 Datasheet HTML 9Page - ams-OSRAM AG AS1130 Datasheet HTML 10Page - ams-OSRAM AG AS1130 Datasheet HTML 11Page - ams-OSRAM AG AS1130 Datasheet HTML 12Page - ams-OSRAM AG AS1130 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
Page 8
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Electrical Characteristics
Note(s):
1. Guaranteed by design.
2.
Figure 8:
Logic Inputs/Outputs Characteristics
Note(s):
1. Available on request, see Ordering & Contact Information.
Open Detection Level
Threshold
VDD-
0.4
VDD-
0.1
V
Short Detection Level
Threshold
770
900
mV
fOSC
Oscillator Frequency
0.9
1
1.1
MHz
fREFRESH
Display Scan Rate
12x11 matrix
0.29
0.33
0.36
kHz
tRSTN
Reset Pulse Width Low
500
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH, IIL
Logic Input Current
VIN = 0V or VDD
-1
1
μA
VIH
CMOS Logic High Input Voltage
0.7 x VDD
V
VIL
CMOS Logic Low Input Voltage
0.3 x VDD
V
ΔVI
CMOS Hysteresis Voltage
0.3
V
VIH
Mobile Logic High Input Voltage (1)
1.6
V
VIL
Mobile Logic Low Input Voltage(1)
0.6
V
ΔVI
Hysteresis Voltage (1)
0.1
V
VOL(SDA)
SDA Output Low Voltage
ISINK = 3mA
0.4
V
VOL(IRQ)
IRQ Output Low Voltage
ISINK = 3mA
0.4
V
VOL(SYNC_
OUT)
Sync Clock Output Low Voltage
ISINK = 1mA
0.4
V
VOH(SYNC_
OUT)
Sync Clock Output High Voltage
ISOURCE = 1mA
VDD-0.4
V
Capacitive Load for Each Bus Line
400
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ISEG
Imax Imin
–
Imax Imin
+
--------------------------- 100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com