Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 47Page - ams-OSRAM AG AS1130 Datasheet HTML 48Page - ams-OSRAM AG AS1130 Datasheet HTML 49Page - ams-OSRAM AG AS1130 Datasheet HTML 50Page - ams-OSRAM AG AS1130 Datasheet HTML 51Page - ams-OSRAM AG AS1130 Datasheet HTML 52Page - ams-OSRAM AG AS1130 Datasheet HTML 53Page - ams-OSRAM AG AS1130 Datasheet HTML 54Page - ams-OSRAM AG AS1130 Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
Page 50
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1 130 − Register Description
4
0x28
00101000
LED
47
LED
46
LED
45
LED
44
LED
43
LED
42
LED
41
LED
40
0x29
0010100100000
LED
4A
LED
49
LED
48
5
0x2A
0
0
1
0
1
0
1
0
LED
57
LED
56
LED
55
LED
54
LED
53
LED
52
LED
51
LED
50
0x2B
0
0
1
0
1
0
1
1
0
0
0
0
0
LED
5A
LED
59
LED
58
6
0x2C
00101100
LED
67
LED
66
LED
65
LED
64
LED
63
LED
62
LED
61
LED
60
0x2D
0010110100000
LED
6A
LED
69
LED
68
7
0x2E
0
0
1
0
1
1
1
0
LED
77
LED
76
LED
75
LED
74
LED
73
LED
72
LED
71
LED
70
0x2F
0
0
1
0
1
1
1
1
0
0
0
0
0
LED
7A
LED
79
LED
78
8
0x30
00110000
LED
87
LED
86
LED
85
LED
84
LED
83
LED
82
LED
81
LED
80
0x31
0011000100000
LED
8A
LED
89
LED
88
9
0x32
0
0
1
1
0
0
1
0
LED
97
LED
96
LED
95
LED
94
LED
93
LED
92
LED
91
LED
90
0x33
0
0
1
1
0
0
1
1
0
0
0
0
0
LED
9A
LED
99
LED
98
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com