Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 39Page - ams-OSRAM AG AS1130 Datasheet HTML 40Page - ams-OSRAM AG AS1130 Datasheet HTML 41Page - ams-OSRAM AG AS1130 Datasheet HTML 42Page - ams-OSRAM AG AS1130 Datasheet HTML 43Page - ams-OSRAM AG AS1130 Datasheet HTML 44Page - ams-OSRAM AG AS1130 Datasheet HTML 45Page - ams-OSRAM AG AS1130 Datasheet HTML 46Page - ams-OSRAM AG AS1130 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
Page 42
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Current Source Register (0x05)
Within this registers the current for every single LED can be set
from 0mA to 30mA in 255 steps (8 bits). Per default this register
is set to 0x00.
Figure 44:
Current Source Register Format
AS1130 Config Register (0x06)
Per default this register is set to 0x00.
Figure 45:
AS1130 Config Register Format
0x05 Current Source Register
Bit
Bit Name
Default
Access
Bit Description
7:0
current
00000000
R/W
00000000: 0mA
..........
11111111: 30mA
0x06 AS1130 Config Register
Bit
Bit Name
Default
Access
Bit Description
7low_vdd_rst
0
R/W
0: At the end of a movie or a display picture the “low_
VDD” flag is not changed
1: At the end of a movie or a display picture, the “low_
VDD” flag is set to “0”
6
low_vdd_stat
0
R/W
This bit indicates the supply status
0: If low_VDD is detected, the Interrupt Status
Register will be updated accordingly and pin IRQ is
triggered.
1: The low_VDD bit is directly mapped to the pin IRQ.
This can be used to control an external DC/DC
Converter or Charge Pump. In this case pin IRQ
cannot be used for interrupt functionality, the
Interrupt Status Register will be updated accordingly.
5
led_error_
correction
0R/W
This bit defines the LED open handling
0: Open LEDs which are detected at LED open test,
are NOT disabled
1: Open LEDs which are detected at LED open test,
are disabled
4
dot_corr
0
R/W
Analog current DotCorrection(1)
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com