Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1130
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1130 Datasheet HTML 6Page - ams-OSRAM AG AS1130 Datasheet HTML 7Page - ams-OSRAM AG AS1130 Datasheet HTML 8Page - ams-OSRAM AG AS1130 Datasheet HTML 9Page - ams-OSRAM AG AS1130 Datasheet HTML 10Page - ams-OSRAM AG AS1130 Datasheet HTML 11Page - ams-OSRAM AG AS1130 Datasheet HTML 12Page - ams-OSRAM AG AS1130 Datasheet HTML 13Page - ams-OSRAM AG AS1130 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
ams Datasheet
Page 9
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Electrical Characteristics
Figure 9:
I²C Timing Characteristics
Note(s):
1. The Min / Max values of the Timing Characteristics are guaranteed by design.
Figure 10:
Timing Diagram
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL Frequency
100
1000
kHz
tBUF
Bus Free Time Between STOP and
START Conditions
1.3
μs
tHOLDSTART
Hold Time for Repeated
START Condition
260
ns
tLOW
SCL Low Period
500
ns
tHIGH
SCL High Period
260
ns
tSETUPSTART
Setup Time for Repeated
START Condition
260
ns
tSETUPDATA
Data Setup Time
100
ns
tRISE(SCL)
SCL Rise Time
120
ns
tRISE(SCL1)
SCL Rise Time after Repeated START
Condition and After an ACK Bit
120
ns
tFALL(SCL)
SCL Fall Time
120
ns
tRISE(SDA)
SDA Rise Time
120
ns
tFALL(SDA)
SDA Fall Time
120
ns
tSETUPSTOP
STOP Condition Setup Time
260
ns
tSPIKESUP
Pulse Width of Spike Suppressed
6
ns
tBUF
tHOLDSTART
tLOW
tR
tHOLDDATA
tSETUPDATA
tHIGH
tF
tSETUPSTART
tSPIKESUP
tSETUPSTOP
SDA
SCL
70%
30%
70%
30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com