Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV8000 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 24Page - ams-OSRAM AG CMV8000 Datasheet HTML 25Page - ams-OSRAM AG CMV8000 Datasheet HTML 26Page - ams-OSRAM AG CMV8000 Datasheet HTML 27Page - ams-OSRAM AG CMV8000 Datasheet HTML 28Page - ams-OSRAM AG CMV8000 Datasheet HTML 29Page - ams-OSRAM AG CMV8000 Datasheet HTML 30Page - ams-OSRAM AG CMV8000 Datasheet HTML 31Page - ams-OSRAM AG CMV8000 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 27
Category
Description
Registers
DC
Can only be changed when the
sensor is IDLE or in FOT.
1
– 34, 35-38, 54, 80, 82[4:0],
118
RO
Read-only register. All write
operations are ignored.
88-89, 90
7.2.6
Sensor Control Modes
Figure 22:
Control Mode Register
Bit Name
Address
Description
ext[0]
40
0: Internal mode
1: External mode
frames[15:0]
54-55
Set the amount of frames in
internal mode
Figure 23:
Control Modes
EXT
Name
External Control
(F_REQ pin)
Internal Control
0
Internal mode
Start of exposure
Length of exposure
Start of read-out
Read-out timing
1
External mode
Start of exposure
Start of read-out
Read-out timing
Control Mode 0: Internal Mode
In this mode, a single trigger is needed to request a frame (F_REQ), and the exposure time is set by
sensor registers 41 to 43. After a high state on the F_REQ pulse is detected, the sensor will start
exposure immediately. Using the register value, the sensor counts down to the end of the exposure
time, after which the pixels are sampled and prepared for read-out. This sequence is called the frame
overhead time (FOT). Immediately after the FOT, the frame is sent out. If more than one frame is
requested with the FRAMES register, the sensor times the start of the next exposure so that the
maximum frame rate is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com