| Electronic Components Datasheet Search |
|
CMV8000 Datasheet(PDF) 33 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV8000 Datasheet(HTML) 33 Page - ams-OSRAM AG |
|
33 / 90 page ![]() Document Feedback CMV8000 Functional Description Preliminary Datasheet • PUBLIC DS000609 • v1-00 • 2019-Jun-12 89 │ 32 Figure 29 shows the timing of the DVAL, LVAL and FVAL codes for the read-out of a frame of 2 rows. This example uses the default mode of 16 LVDS outputs in 10-bit mode. Figure 29: Sync Code Timing in 16-Channel Mode When only 8-channels are used, the line read-out time is 2 times longer. The control channel considers this and adjusts the sync codes (LVAL) to suit the slower read-out. The timing extrapolates identically for 4 and 2 channel read-out. Attention At the end of the frame, the DVAL signals last falling edge will occur 5 OUT_CLK cycles before the FVAL and LVAL signals. As the pixel data is sent out at double data rate, this time is equivalent to one 10-bit word of pixel data. The actual end of valid image data only occurs at the falling edge of LVAL and FVAL. Figure 30: Sync Code Timing in 8-Channel Mode The following diagram shows in more detail what happens on the control channel when reading out an image. Two frames are exposed and read out through 16 data channels in 10-bit mode. The DVAL, LVAL and FVAL pulses show when the data is valid for one 112-pixel burst, one row and one frame respectively, while the SLOT and ROW pulses signify the overhead periods between bursts and rows. On the last line, the status of all signals on the control channel is presented in binary format as it is transmitted on the LVDS channel. DATA_OUT IDLE OH 112 OH 112 OH 112 OH 112 IDLE DVAL LVAL FVAL DATA_OUT IDLE OH 112 OH 112 OH 112 OH 112 OH 112 OH 112 OH 112 OH 112 IDLE DVAL LVAL FVAL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |