Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV8000 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 64Page - ams-OSRAM AG CMV8000 Datasheet HTML 65Page - ams-OSRAM AG CMV8000 Datasheet HTML 66Page - ams-OSRAM AG CMV8000 Datasheet HTML 67Page - ams-OSRAM AG CMV8000 Datasheet HTML 68Page - ams-OSRAM AG CMV8000 Datasheet HTML 69Page - ams-OSRAM AG CMV8000 Datasheet HTML 70Page - ams-OSRAM AG CMV8000 Datasheet HTML 71Page - ams-OSRAM AG CMV8000 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
Document Feedback
CMV8000
Register Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 67
8.2.23
EXP_LENGTH2 Register (Address 44-46)
Figure 92:
EXP_LENGTH2 Register
Addr: 44-46
EXP_LENGTH2
Bit
Bit Name
Default
Access
Bit Description
[23:0]
exp_length2
0
Set the exposure length for
group 2
8.2.24
SLOPES Register (Address 47)
Figure 93:
SLOPES Register
Addr: 47
SLOPES
Bit
Bit Name
Default
Access
Bit Description
[1:0]
slopes
1
Sets the amount of slopes in
the PWL HDR mode
8.2.25
EXP_K1 Register (Address 48-50)
Figure 94:
EXP_K1 Register
Addr: 48-50
EXP_K1
Bit
Bit Name
Default
Access
Bit Description
[23:0]
exp_k1
0
Sets the exposure time for
kneepoint 1 in the PWL HDR
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com