Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV8000 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 15Page - ams-OSRAM AG CMV8000 Datasheet HTML 16Page - ams-OSRAM AG CMV8000 Datasheet HTML 17Page - ams-OSRAM AG CMV8000 Datasheet HTML 18Page - ams-OSRAM AG CMV8000 Datasheet HTML 19Page - ams-OSRAM AG CMV8000 Datasheet HTML 20Page - ams-OSRAM AG CMV8000 Datasheet HTML 21Page - ams-OSRAM AG CMV8000 Datasheet HTML 22Page - ams-OSRAM AG CMV8000 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Document Feedback
CMV8000
Functional Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 18
7
Functional Description
7.1
Sensor Architecture
Figure 2 shows the architecture of the CMV8000 image sensor. The internal sequencer generates the
necessary signals for image acquisition. Once the acquisition is complete, the image is stored in the
pixel (global shutter) and is then read out row by row. The signal then passes through an analog front
end, where gain can be applied, and an ADC block where the analog to digital conversion is done.
These digital signals then go to the LVDS output stage, to be serialized to 16 parallel output channels.
In the default LVDS configuration, each output channel puts out 224 adjacent columns of the pixel
array in two bursts of 112 pixels to form a row of 3584 pixels. Two additional output channels contain a
double data rate clock signal to sample the pixel data, and a control channel containing the sync
codes which identify when valid pixel data is available.
The on-chip sequencer can be controlled through a four-wire serial interface, which reads and writes
to the sequencer’s control registers. An on-chip temperature sensor can also be read out through this
interface.
7.1.1
Pixel Array
The total pixel array consists of 3584 by 2528 pixels, each with a surface of 5.5 µm by 5.5 µm. Of this
total array, 224 columns and 32 rows contain an electrical black signal, leaving an active image
resolution of 3360 by 2496 pixels. Figure 11 shows the physical layout of the complete pixel array.
The pixels are designed to achieve maximum sensitivity with low noise and good PLS performance.
Microlenses are placed on top of the pixels for improved quantum efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com