Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV8000 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 8Page - ams-OSRAM AG CMV8000 Datasheet HTML 9Page - ams-OSRAM AG CMV8000 Datasheet HTML 10Page - ams-OSRAM AG CMV8000 Datasheet HTML 11Page - ams-OSRAM AG CMV8000 Datasheet HTML 12Page - ams-OSRAM AG CMV8000 Datasheet HTML 13Page - ams-OSRAM AG CMV8000 Datasheet HTML 14Page - ams-OSRAM AG CMV8000 Datasheet HTML 15Page - ams-OSRAM AG CMV8000 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
Document Feedback
CMV8000
Absolute Maximum Ratings
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 11
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5
Absolute Maximum Ratings of CMV8000
Symbol
Parameter
Min
Max
Unit
Comments
Continuous Power Dissipation (TA = 70 °C)
PT
Continuous Power Dissipation
1200
mW
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 2000
V
Class 1C JS-001-2012
Temperature Ranges and Storage Conditions
TJ
Operating Junction Temperature
-30
70
°C
TBC
TSTRG
Storage Temperature Range
20
40
°C
TBC
RHNC
Relative Humidity (non-
condensing)
30
60
%
Storage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com