Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV8000 Datasheet(PDF) 69 Page - ams-OSRAM AG

Part # CMV8000
Description  8MP CMOS Machine Vision Image Sensor
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV8000 Datasheet(HTML) 69 Page - ams-OSRAM AG

Back Button CMV8000 Datasheet HTML 65Page - ams-OSRAM AG CMV8000 Datasheet HTML 66Page - ams-OSRAM AG CMV8000 Datasheet HTML 67Page - ams-OSRAM AG CMV8000 Datasheet HTML 68Page - ams-OSRAM AG CMV8000 Datasheet HTML 69Page - ams-OSRAM AG CMV8000 Datasheet HTML 70Page - ams-OSRAM AG CMV8000 Datasheet HTML 71Page - ams-OSRAM AG CMV8000 Datasheet HTML 72Page - ams-OSRAM AG CMV8000 Datasheet HTML 73Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Document Feedback
CMV8000
Register Description
Preliminary Datasheet
• PUBLIC
DS000609
• v1-00 • 2019-Jun-12
89
│ 68
8.2.26
EXP_K2 Register (Address 51-53)
Figure 95:
EXP_K2 Register
Addr: 51-53
EXP_K2
Bit
Bit Name
Default
Access
Bit Description
[23:0]
exp_k2
0
Sets the exposure time for
kneepoint 2 in the PWL HDR
mode
8.2.27
FRAMES Register (Address 54-55)
Figure 96:
FRAMES Register
Addr: 54-55
FRAMES
Bit
Bit Name
Default
Access
Bit Description
[15:0]
frames
1
DC
Sets the amount of frames to
be sequenced following a
single F_REQ pulse (internal
exposure mode only)
8.2.28
LVDS_TRAIN Register (Address 56-57)
Figure 97:
LVDS_TRAIN Register
Addr: 56-57
LVDS_TRAIN
Bit
Bit Name
Default
Access
Bit Description
[11:0]
lvds_train
85
Sets the value of the training
word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com