Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74LVC541APWR Datasheet HTML 13Page - Texas Instruments SN74LVC541APWR Datasheet HTML 14Page - Texas Instruments SN74LVC541APWR Datasheet HTML 15Page - Texas Instruments SN74LVC541APWR Datasheet HTML 16Page - Texas Instruments SN74LVC541APWR Datasheet HTML 17Page - Texas Instruments SN74LVC541APWR Datasheet HTML 18Page - Texas Instruments SN74LVC541APWR Datasheet HTML 19Page - Texas Instruments SN74LVC541APWR Datasheet HTML 20Page - Texas Instruments SN74LVC541APWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
• Changed ΨJT for DB package from: 67.3°C/W to: 87.8°C/W............................................................................ 6
• Changed ΨJB for DB package from: 33.3°C/W to: 44.7°C/W............................................................................6
• Changed RθJC(bot) for DB package from: 66.9°C/W to: 87°C/W......................................................................6
• Changed RθJA for DW package from: 99.4°C/W to: 114.8°C/W........................................................................6
• Changed RθJC(top) for DW package from: 66.9°C/W to: 84.1°C/W..................................................................6
• Changed ΨJT for DW package from: 66.9°C/W to: 88.8°C/W........................................................................... 6
• Changed ΨJB for DW package from: 33.8°C/W to: 55.8°C/W...........................................................................6
• Changed RθJC(bot) for DW package from: 66.5°C/W to: 87.8°C/W..................................................................6
• Changed RθJA for NS package from: 90.3°C/W to: 116.3°C/W.........................................................................6
• Changed RθJC(top) for NS package from: 56.6°C/W to: 82.4°C/W...................................................................6
• Changed ΨJT for NS package from: 57.8°C/W to: 86.2°C/W............................................................................ 6
• Changed ΨJB for NS package from: 28.7°C/W to: 43.9°C/W............................................................................6
• Changed RθJC(bot) for NS package from: 57.4°C/W to: 85.5°C/W...................................................................6
• Changed RθJA for PW package from: 100.8°C/W to: 120.3°C/W..................................................................... 6
• Changed RθJC(top) for PW package from: 35.2°C/W to: 62.5°C/W..................................................................6
• Changed ΨJT for PW package from: 51.8°C/W to: 82.4°C/W........................................................................... 6
• Changed ΨJB for PW package from: 2.2°C/W to: 16°C/W................................................................................ 6
• Changed RθJC(bot) for PW package from: 51.2°C/W to: 81.5°C/W..................................................................6
• Added parallel trace spacing recommendation to layout guidelines. Changed wording of "Avoid branches;
buffer signals that must branch separately" to "Avoid branches; buffer each signal that must branch
separately"........................................................................................................................................................14
Changes from Revision M (May 2005) to Revision N (June 2014)
Page
• Updated document to new TI data sheet format................................................................................................ 1
• Removed Ordering Information table................................................................................................................. 1
• Updated Ioff Feature bullet.................................................................................................................................. 1
• Updated Features to include Military Disclaimer................................................................................................ 1
• Added Device Information table......................................................................................................................... 1
• Added Applications ............................................................................................................................................1
• Changed MAX operating free-air temperature from 85°C to 125°C for SN74LVC541A.....................................6
• Updated Thermal Information table. .................................................................................................................. 6
• Added –40°C TO 125°C temperature range to Electrical Characteristics table for SN74LVC541A................... 7
• Added Switching Characteristics table –40°C TO 125°C temperature range for SN74LVC541A...................... 8
• Added Typical Characteristics............................................................................................................................ 8
www.ti.com
SN54LVC541A, SN74LVC541A
SCAS298O – JANUARY 1993 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com