Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC541APWR Datasheet HTML 2Page - Texas Instruments SN74LVC541APWR Datasheet HTML 3Page - Texas Instruments SN74LVC541APWR Datasheet HTML 4Page - Texas Instruments SN74LVC541APWR Datasheet HTML 5Page - Texas Instruments SN74LVC541APWR Datasheet HTML 6Page - Texas Instruments SN74LVC541APWR Datasheet HTML 7Page - Texas Instruments SN74LVC541APWR Datasheet HTML 8Page - Texas Instruments SN74LVC541APWR Datasheet HTML 9Page - Texas Instruments SN74LVC541APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
SN54LVC541A
SN74LVC541A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
Operating
2
3.6
1.65
3.6
V
Data retention only
1.5
1.5
VIH
High-level input voltage
VCC = 1.65V to 1.95V
0.65 × VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 2.7V to 3.6V
2
2
VIL
Low-level input voltage
VCC = 1.65V to 1.95V
0.35 × VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 2.7V to 3.6V
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
High or low state
0
VCC
0
VCC
V
3-state
0
5.5
0
5.5
IOH
High-level output current
VCC = 1.65V
–4
mA
VCC = 2.3V
–8
VCC = 2.7V
–12
–12
VCC = 3V
–24
–24
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 2.7V
12
12
VCC = 3V
24
24
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to verify proper device operation. Refer to the TI application note,
Implications of Slow or Floating CMOS Inputs.
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
20
120.3
62.5
82.4
16.0
81.5
N/A
°C/W
DGS (VSSOP)
20
129.9
72.4
86.1
18.6
85.8
N/A
°C/W
RKS (VQFN)
20
87.2
93.4
59.8
24.9
59.6
44.3
°C/W
DB (SSOP)
20
121.7
86.8
87.8
44.7
87
N/A
°C/W
DW (SOIC)
20
114.8
84.1
88.8
55.8
87.8
N/A
°C/W
NS (SOP)
20
116.3
82.4
86.2
43.9
85.5
N/A
°C/W
DGV (TVSOP)
20
128.7
43.8
70.4
3.2
69.7
N/A
°C/W
RGY (VQFN)
20
82.84
88.73
56.81
32.37
56.62
42.09
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
SN54LVC541A, SN74LVC541A
SCAS298O – JANUARY 1993 – REVISED JUNE 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com