Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC541APWR Datasheet HTML 4Page - Texas Instruments SN74LVC541APWR Datasheet HTML 5Page - Texas Instruments SN74LVC541APWR Datasheet HTML 6Page - Texas Instruments SN74LVC541APWR Datasheet HTML 7Page - Texas Instruments SN74LVC541APWR Datasheet HTML 8Page - Texas Instruments SN74LVC541APWR Datasheet HTML 9Page - Texas Instruments SN74LVC541APWR Datasheet HTML 10Page - Texas Instruments SN74LVC541APWR Datasheet HTML 11Page - Texas Instruments SN74LVC541APWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
5.7 Switching Characteristics, SN74LVC541A –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Section 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
SN74LVC541A
UNIT
–40°C TO 85°C
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 2.7V
VCC = 3.3V
± 0.3V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
15.7
1
7.8
1
5.6
1.5
5.1
ns
ten
OE
Y
1
17.5
1
10.5
1
7.5
1.5
7
ns
tdis
OE
Y
1
16.5
1
9
1
7.7
1.5
7
ns
tsk(o)
1
ns
5.8 Switching Characteristics, SN74LVC541A –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Section 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
SN74LVC541A
UNIT
–40°C TO 125°C
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 2.7V
VCC = 3.3V
± 0.3V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
16.3
1
8.3
1
6.1
1
5.6
ns
ten
OE
Y
1
18.5
1
11.1
1
8
1
7.5
ns
tdis
OE
Y
1
17.3
1
9.7
1
8.2
1
7.5
ns
tsk(o)
1.5
ns
5.9 Operating Characteristics
TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
UNIT
TYP
TYP
TYP
Cpd
Power dissipation capacitance
per buffer/driver
Outputs enabled
f = 10MHz
65
58
33
pF
Outputs disabled
2
2
2
5.10 Typical Characteristics
VCC - V
0
1
2
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
D001
TPD
Figure 5-1. SN74LVC541A TPD Across VCC at 25°C
Temperature (qC)
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
4
D002
TPD
Figure 5-2. SN74LVC541A TPD Across
Temperature at 3.3V
SN54LVC541A, SN74LVC541A
SCAS298O – JANUARY 1993 – REVISED JUNE 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com