Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC541APWR Datasheet HTML 1Page - Texas Instruments SN74LVC541APWR Datasheet HTML 2Page - Texas Instruments SN74LVC541APWR Datasheet HTML 3Page - Texas Instruments SN74LVC541APWR Datasheet HTML 4Page - Texas Instruments SN74LVC541APWR Datasheet HTML 5Page - Texas Instruments SN74LVC541APWR Datasheet HTML 6Page - Texas Instruments SN74LVC541APWR Datasheet HTML 7Page - Texas Instruments SN74LVC541APWR Datasheet HTML 8Page - Texas Instruments SN74LVC541APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
1 Features
• Operates from 1.65V to 3.6V
• Inputs accept voltages to 5.5V
• Maximum tpd of 5.1ns at 3.3V
• Typical VOLP (output ground bounce) <0.8V at VCC
= 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) >2V at VCC
= 3.3V, TA = 25°C
• Support mixed-mode signal operation on all ports
(5V input/output voltage with 3.3V VCC)
• Ioff supports live insertion, partial-power-down
mode, and back-drive protection
• Latch-up performance exceeds 100mA per JESD
78
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted, on
all other products, production processing does not
necessarily include testing of all parameters
2 Applications
• Drive an indicator LED
• Redrive a digital signal
• Drive a transmission line
• Hold a signal during controller reset
3 Description
The SNx4LVC541A contains eight non-inverting
buffers with 3-state outputs. The active low output
enable pins (OE1 and OE2) control all eight channels,
and are configured so that both must be low for the
outputs to be active.
Package Information
PART
NUMBER
PACKAGE(1)
PACKAGE
SIZE(2)
BODY SIZE(3)
SN54LVC541A
J (CDIP, 20)
24.2mm ×
7.62mm
24.2mm ×
6.92mm
W (CFP, 20)
13.09mm ×
8.13mm
13.09mm ×
6.92mm
FK (LCCC, 20)
8.89mm ×
8.89mm
8.89mm ×
8.89mm
SN74LVC541A
PW (TSSOP,
20)
6.5mm ×
6.4mm
6.5mm ×
4.4mm
DW (SOIC, 20)
12.80mm ×
10.3mm
12.8mm ×
7.5mm
DB (SSOP, 20)
7.2mm ×
7.8mm
7.50mm ×
5.3mm
NS (SOP, 20)
12.6mm ×
7.8mm
12.6mm ×
5.3mm
DGS (VSSOP,
20)
5.1mm ×
4.9mm
5.1mm ×
3.0mm
RKS (VQFN,
20)
4.5mm ×
2.5mm
4.5mm ×
2.5mm
DGV (TVSOP,
20)
5.0mm ×
6.4mm
5.0mm ×
4.4mm
RGY (VQFN,
20)
4.5mm ×
3.5mm
4.5mm ×
3.5mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Ax
Yx
One of Eight 3-State Buffers
OE2
OE1
Shared Control Logic
Functional Block Diagram
SN54LVC541A, SN74LVC541A
SCAS298O – JANUARY 1993 – REVISED JUNE 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC541APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC541APWR TI-SN74LVC541APWR Datasheet
590Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUT
SN74LVC541APWR TI-SN74LVC541APWR Datasheet
802Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC541APWR TI-SN74LVC541APWR Datasheet
830Kb / 23P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVC541APWR TI2-SN74LVC541APWR Datasheet
2Mb / 39P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2014
SN74LVC541APWR.A TI2-SN74LVC541APWR.A Datasheet
2Mb / 39P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2014
More results

Similar Description - SN74LVC541APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com